Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZ Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 36Page - Cirrus Logic CS1630-FSZ Datasheet HTML 37Page - Cirrus Logic CS1630-FSZ Datasheet HTML 38Page - Cirrus Logic CS1630-FSZ Datasheet HTML 39Page - Cirrus Logic CS1630-FSZ Datasheet HTML 40Page - Cirrus Logic CS1630-FSZ Datasheet HTML 41Page - Cirrus Logic CS1630-FSZ Datasheet HTML 42Page - Cirrus Logic CS1630-FSZ Datasheet HTML 43Page - Cirrus Logic CS1630-FSZ Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
CS1630/31
40
DS954F2
6.27 Configuration 45 (Config45) Address 77
6.28 Configuration 46 (Config46) Address 78
7
654
32
10
--
--
--
VDIFF_LAT
MAX_CUR
Number
Name
Description
[7:2]
-
Reserved
[1]
VDIFF_LAT
Selects if the VDiff fault is to be a latched type fault.
0 = Unlatched fault
1 = Latched fault
[0]
MAX_CUR
Configures the second stage to draw maximum power when the boost output
voltage exceeds boost overvoltage protection threshold VBST > VBOP(th), trig-
gering a boost overvoltage fault.
0 = Disable
1 = Enable
7
654
32
10
-
-
-
-
WAKEUP3
WAKEUP2
WAKEUP1
WAKEUP0
Number
Name
Description
[7:4]
-
Reserved
[3:0]
WAKEUP[3:0]
Configures the 8-bit code value corresponding to temperature threshold
TempWakeup. Upon power-up the system will enter an external overtempera-
ture fault disabling the power train, unless the external temperature measured
at the external NTC is below TempWakeup. If the temperature drops below this
threshold, the device will clear all overtemperature faults. The setting is an off-
set to TempeOTP (see “Configuration 59 (Config59) – Address 91” on page 48
for configuring TempeOTP).
The equation above is setting 8-bit code, CODETEMPWakeup, corresponding to
temperature TempWakeup, which is in degrees Celsius. The wakeup tempera-
ture code is configured as an offset from the eOTP temperature code and the
shutdown temperature code is configured as an offset from the wakeup tem-
perature code; TempeOTP < TempWakeup < TempShutdown.
CODETEMPWakeup
CODETEMPeOTP
WAKEUP
+
[3:0] 4
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com