Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZ Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 38Page - Cirrus Logic CS1630-FSZ Datasheet HTML 39Page - Cirrus Logic CS1630-FSZ Datasheet HTML 40Page - Cirrus Logic CS1630-FSZ Datasheet HTML 41Page - Cirrus Logic CS1630-FSZ Datasheet HTML 42Page - Cirrus Logic CS1630-FSZ Datasheet HTML 43Page - Cirrus Logic CS1630-FSZ Datasheet HTML 44Page - Cirrus Logic CS1630-FSZ Datasheet HTML 45Page - Cirrus Logic CS1630-FSZ Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
CS1630/31
42
DS954F2
6.30 Configuration 48 (Config48) Address 80
6.31 Configuration 49 (Config49) Address 81
7
654
32
10
OCP_BLANK3 OCP_BLANK2 OCP_BLANK1 OCP_BLANK0 OLP_BLANK2 OLP_BLANK1 OLP_BLANK0 IOTP_SAMP
Number
Name
Description
[7:4]
OCP_BLANK[3:0]
Configures fixed time-blanking interval tOCP for overcurrent protection
(OCP). The value is an unsigned integer in the range of 0
value15.
[3:1]
OLP_BLANK[2:0]
Configures fixed time blanking interval tOLP for open loop protection (OLP)
and sense resistor protection. The value is an unsigned integer in the range
of 0
value7.
[0]
IOTP_SAMP
Sample internal temperature sensor at a slower rate when not in internal
overtemperature state (iOTP fault state). Recommended to set bit
IOTP_SAMP to sample slow.
0 = Sample fast
1 = Sample slow
7
654
32
10
OCP_CNT2
OCP_CNT1
OCP_CNT0
OCP_LAT
OLP_CNT2
OLP_CNT1
OLP_CNT0
OLP_LAT
Number
Name
Description
[7:5]
OCP_CNT[2:0]
Sets the second stage OCP fault counter threshold used when declaring a
fault.
0 = Force OCP fault (debug only)
1-7= Number of times an OCP fault has to occur consecutively.
[4]
OCP_LAT
Configures OCP fault type.
0 = Unlatched fault
1 = Latched fault
[3:1]
OLP_CNT[2:0]
Sets the second stage OLP fault counter threshold used when declaring a
fault.
0 = Force OLP fault (debug only)
1-7= Number of times an OLP fault has to occur consecutively before the
IC will enter a fault state.
[0]
OLP_LAT
Configures OLP fault type.
0 = Unlatched fault
1 = Latched fault
tOCP
150ns
OCP_BLANK
+
[3:0] 50ns
=
tOLP
1
s
OLP_BLANK
+
[2:0] 0.5
s 
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com