Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZ Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 40Page - Cirrus Logic CS1630-FSZ Datasheet HTML 41Page - Cirrus Logic CS1630-FSZ Datasheet HTML 42Page - Cirrus Logic CS1630-FSZ Datasheet HTML 43Page - Cirrus Logic CS1630-FSZ Datasheet HTML 44Page - Cirrus Logic CS1630-FSZ Datasheet HTML 45Page - Cirrus Logic CS1630-FSZ Datasheet HTML 46Page - Cirrus Logic CS1630-FSZ Datasheet HTML 47Page - Cirrus Logic CS1630-FSZ Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
CS1630/31
44
DS954F2
6.34 Configuration 52 (Config52) Address 84
7
654
32
10
COP_THRES6 COP_THRES5 COP_THRES4 COP_THRES3 COP_THRES2 COP_THRES1 COP_THRES0
COP_INT
Number
Name
Description
[7:1]
COP_THRES[6:0]
Value used to determine the COP Filter Threshold. The clamp is sampled
every 20
s and over the selected interval is compared to COP time-on
threshold, TON(th) to determine if an COP fault has occurred.
For a 1 second interval:
For a 2 second interval:
[0]
COP_INT
Configures the time interval to check for a boost stage COP fault.
0 = 1 second interval
1 = 2 second interval
TON th

COP_THRES
[6:0] 5.12ms
 2.56ms
+
=
TON th

COP_THRES
[6:0] 10.24ms
 5.12ms
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com