Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZ Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS1630-FSZ
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZ Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS1630-FSZ Datasheet HTML 42Page - Cirrus Logic CS1630-FSZ Datasheet HTML 43Page - Cirrus Logic CS1630-FSZ Datasheet HTML 44Page - Cirrus Logic CS1630-FSZ Datasheet HTML 45Page - Cirrus Logic CS1630-FSZ Datasheet HTML 46Page - Cirrus Logic CS1630-FSZ Datasheet HTML 47Page - Cirrus Logic CS1630-FSZ Datasheet HTML 48Page - Cirrus Logic CS1630-FSZ Datasheet HTML 49Page - Cirrus Logic CS1630-FSZ Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
CS1630/31
46
DS954F2
6.36 Configuration 54 (Config54) Address 86
7
654
32
10
LLP_TIME2
LLP_TIME1
LLP_TIME0 BOP_RSTART
-
-
-
-
Number
Name
Description
[7:5]
LLP_TIME[2:0]
Sets the time that the condition VBST < (VLine - VLLPMin(th)) is true to trigger a
boost LLP fault. See “Configuration 62 (Config62) – Address 94” on page 50
for configuring VLLPMin(th) using bits BST_LLP[1:0].
000 = 0ms
001 = 1ms
010 = 2ms
011 = 2.5ms
100 = 3ms
101 = 3.5ms
110 = 4ms
111 = 5ms
[4]
BOP_RSTART
Configures boost BOP fault behavior. When bit BOP_RSTART is set to ‘1’ the
IC attempts to restart after VBST drops down to a nominal voltage level. It is
recommended to enable bit MAX_CUR when BOP_RSTART = 1 so the sec-
ond stage can deliver full output power when a boost BOP fault is detected.
This helps quickly dissipate the energy stored in the boost output capacitor
bringing down the voltage on the capacitor.
0 = Latched fault
1 = Attempts to restart if VBST equals 195V for 120V application or 392V
for 230V application
[3:0]
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com