Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 15Page - Cirrus Logic CS5490 Datasheet HTML 16Page - Cirrus Logic CS5490 Datasheet HTML 17Page - Cirrus Logic CS5490 Datasheet HTML 18Page - Cirrus Logic CS5490 Datasheet HTML 19Page - Cirrus Logic CS5490 Datasheet HTML 20Page - Cirrus Logic CS5490 Datasheet HTML 21Page - Cirrus Logic CS5490 Datasheet HTML 22Page - Cirrus Logic CS5490 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
CS5490
DS982F2
19
5.4 Line Frequency Measurement
If the Automatic Frequency Calculation (AFC) bit in the
Config2 register is set, the line frequency measurement
on the voltage channel will be enabled. The line
frequency measurement is based on a number of
voltage channel zero crossings. This number is 100 by
default and configurable through the ZXNUM register
(see section 6.6.56 on page 50). The Epsilon register
will be updated automatically with the line frequency
information. The Frequency Update (FUP) bit in the
Status0 interrupt status register is set when the
frequency calculation is completed. When the line
frequency is 50Hz and the ZXNUM register is 100, the
Epsilon register is updated every one second with a
resolution of less than 0.1%. A larger zero-crossing
number in the ZXNUM register will increase line
frequency measurement resolution and period. Note
that the CS5490 line frequency measurement function
does not support the line frequency out of the range of
40Hz to 75Hz.
The Epsilon register is also used to set the gain of the
90° phase shift filter used in the quadrature power
calculation. The value in the Epsilon register is the ratio
of the line frequency to the output word rate (OWR). For
50Hz line frequency and 4000Hz OWR, Epsilon is
50/4000 (0.0125) (the default). For 60Hz line
frequency, it is 60/4000 (0.015).
5.5 Energy Pulse Generation
The CS5490 provides an independent energy pulse
generation (EPG) block in order to output active,
reactive, and apparent energy pulses on the digital
output pin (DO). The energy pulse frequency is
proportional to the magnitude of the power. The energy
pulse output is commonly used as the test output of a
power meter. The host microcontroller can also use the
energy pulses to easily accumulate the energy. Refer to
Figure 10.
VZXLEVEL
IZXLEVEL
If |VPEAK|
> VZXLEVEL, then voltage zero-crossing detection is enabled.
If |IPEAK|
> IZXLEVEL, then current zero-crossing detection is enabled.
Zero-crossing output on DOx pin
Pulse width = 250μs
V(
t), I(t)
DO
t
t
If |VPEAK|
VZXLEVEL, then voltage zero-crossing detection is disabled.
If |IPEAK|
IZXLEVEL, then current zero-crossing detection is disabled.
Figure 9. Zero-crossing Level and Zero-crossing Output on DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com