Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 38Page - Cirrus Logic CS5490 Datasheet HTML 39Page - Cirrus Logic CS5490 Datasheet HTML 40Page - Cirrus Logic CS5490 Datasheet HTML 41Page - Cirrus Logic CS5490 Datasheet HTML 42Page - Cirrus Logic CS5490 Datasheet HTML 43Page - Cirrus Logic CS5490 Datasheet HTML 44Page - Cirrus Logic CS5490 Datasheet HTML 45Page - Cirrus Logic CS5490 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
CS5490
42
DS982F2
6.6.21 System Gain (SysGAIN) – Page 16, Address 60
Default = 0x50 0000 (1.25)
System Gain (SysGAIN) is applied to all channels.
By default, SysGAIN = 1.25, but can be finely adjusted to compensate for voltage reference error. It is a two's
complement value in the range of -2.0
 value  2.0, with the binary point to the right of the second MSB. Val-
ues should be kept within 5% of 1.25.
6.6.22 Rogowski Coil Integrator Gain (IntGAIN) – Page 18, Address 43
Default = 0x14 3958
Gain for the Rogowski coil integrator. This must be programmed accordingly for 50Hz and 60Hz (0.158 for
50Hz, 0.1875 for 60Hz).
This is a two’s complement value in the range of -1.0
 value  1.0, with the binary point to the right of the
MSB. Negative values are not used.
6.6.23 System Time (Time) – Page 16, Address 61
Default = 0x00 0000
System Time (Time) is measured in output word rate (OWR) samples.
This is an unsigned integer in the range of 0 to 16,777,215 samples. At OWR = 4.0 kHz, OWR will overflow
every 1 hour, 9 minutes, 54 seconds. Time can be used by the application to manage real-time events.
6.6.24 Voltage Sag Duration (VSagDUR) – Page 17, Address 0
Default = 0x00 0000
Voltage sag duration, VSagDUR, determines the count of output word rate (OWR) samples utilized to deter-
mine a sag event.
These are integers in the range of 0 to 8,388,607 samples. A value of zero disables the feature.
MSB
LSB
-(21)20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com