Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 16Page - Cirrus Logic CS5490 Datasheet HTML 17Page - Cirrus Logic CS5490 Datasheet HTML 18Page - Cirrus Logic CS5490 Datasheet HTML 19Page - Cirrus Logic CS5490 Datasheet HTML 20Page - Cirrus Logic CS5490 Datasheet HTML 21Page - Cirrus Logic CS5490 Datasheet HTML 22Page - Cirrus Logic CS5490 Datasheet HTML 23Page - Cirrus Logic CS5490 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
CS5490
20
DS982F2
After reset, the energy pulse generation block is
disabled (DOMODE[3:0] = Hi-Z). To output a desired
energy pulse to a DO pin, it is necessary to follow the
steps below:
1. Write to register PulseWidth (page 0, address 8) to
select the energy pulse width and pulse frequency
range.
2. Write to register PulseRate (page 18, address 28) to
select the energy pulse rate.
3. Write to register PulseCtrl (page 0, address 9) to
select the input to the energy pulse generation block.
4. Write ‘1’ to bit EPG_ON of register Config1 (page 0,
address 1) to enable the energy pulse generation
block.
5. Wait at least 0.1s.
6. Write bits DOMODE[3:0] of register Config1 to select
DO to output pulses from the energy pulse
generation block.
7. Send DSP instruction (0xD5) to begin continuous
conversion.
5.5.1 Pulse Rate
Before configuring the PulseRate register, the full-scale
pulse rate needs to be calculated, and the frequency
range needs to be specified through FREQ_RNG[3:0]
bits in the PulseWidth register. For example, if a meter
has the meter constant of 1000imp/kWh, a maximum
voltage (UMAX) of 240V, and a maximum current (IMAX)
of 100A, the maximum pulse rate is:
[1000x(240x100/1000)]/3600 = 6.6667Hz.
Assume the meter is calibrated with UMAX and IMAX,
and the Scale register contains the default value of 0.6.
After gain calibration, the power register value will be
0.36, which represents 240 x 100 = 24kW or 6.6667Hz
pulse output rate. The full-scale pulse rate is:
Fout = 6.6667/0.36 = 18.5185Hz.
Refer to section 6.6.6 Pulse Output Width (PulseWidth)
– Page 0, Address 8 on page 35. The FREQ_RNG[3:0]
bits should be set to b[0110].
PSUM Sign
QSUM Sign
P Sign
Q Sign
Reserved
V Crossing
I Crossing
DO_OD
(Config1)
(PulseCtrl) EPGIN[3:0]
DOMODE[3:0]
(Config1)
DO
Hi-Z
Interrupt
PSUM
QSUM
SSUM
PAVG
QAVG
S
PULSE RATE
EPG_ON
(Config1)
MCLK
(PulseWidth) PW[7:0]
(PulseWidth) FREQ_RNG[3:0]
0000
0001
0010
0011
0100
0101
0110
0111
1000
4
4
8
4
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Figure 10. Energy Pulse Generation and Digital Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com