Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 29Page - Cirrus Logic CS5490 Datasheet HTML 30Page - Cirrus Logic CS5490 Datasheet HTML 31Page - Cirrus Logic CS5490 Datasheet HTML 32Page - Cirrus Logic CS5490 Datasheet HTML 33Page - Cirrus Logic CS5490 Datasheet HTML 34Page - Cirrus Logic CS5490 Datasheet HTML 35Page - Cirrus Logic CS5490 Datasheet HTML 36Page - Cirrus Logic CS5490 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
CS5490
DS982F2
33
6.6.3 Configuration 2 (Config2) Page 16, Address 0
Default = 0x10 0200
[23]
Reserved.
POS
Positive energy only. Suppress negative values in PAVG. If a negative value is calculated,
a zero result will be stored.
0 = Positive and negative energy (Default)
1 = Positive energy only
[21:15]
Reserved.
APCM
Selects the apparent power calculation method.
0 = VRMS x IRMS (Default)
1 = SQRT(PAVG2 + QAVG2)
[13]
Reserved.
ZX_LPF
Enable LPF in zero-cross detect.
0 = LPF disabled (Default)
1 = LPF enabled
AVG_MODE
Select averaging mode for low-rate calculations.
0 = Use SampleCount (Default)
1 = Use CycleCount
REG_CSUM_OFF Disable checksum on critical registers.
0 = Enable checksum on critical registers (Default)
1 = Disable checksum on critical registers
AFC
Enables automatic line frequency measurement which sets Epsilon every time a new line
frequency measurement completes. Epsilon is used to control the gain of 90° phase shift
integrator used in quadrature power calculations.
0 = Disable automatic line frequency measurement
1 = Enable automatic line frequency measurement (Default)
[8:5]
Reserved.
IFLT[1:0]
Filter enable for current channel.
00 = No filter (Default)
01 = High-pass filter (HPF) on current channel
10 = Phase-matching filter (PMF) on current channel
11 = Rogowski coil integrator (INT) on current channel
VFLT[1:0]
Filter enable for voltage channel.
00 = No filter (Default)
01 = High-pass filter (HPF) on voltage channel
10 = Phase-matching filter (PMF) on voltage channel
11 = Reserved
IIR_OFF[0]
Bypass IIR filter.
0 = Do not bypass IIR filter (Default)
1 = Bypass IIR filter
23
22
21
20
19
18
17
16
-POS
-
1
-
0
0
-
15
14
13
12
11
10
9
8
-
APCM
-
ZX_LPF
AVG_MODE REG_CSUM_OFF
AFC
0
7
654
3
2
1
0
0
0
0
IFLT[1]
IFLT[0]
VFLT[1]
VFLT[0]
IIR_OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com