Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 48Page - Cirrus Logic CS5490 Datasheet HTML 49Page - Cirrus Logic CS5490 Datasheet HTML 50Page - Cirrus Logic CS5490 Datasheet HTML 51Page - Cirrus Logic CS5490 Datasheet HTML 52Page - Cirrus Logic CS5490 Datasheet HTML 53Page - Cirrus Logic CS5490 Datasheet HTML 54Page - Cirrus Logic CS5490 Datasheet HTML 55Page - Cirrus Logic CS5490 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
CS5490
DS982F2
53
6) If the phase offset is negative, then the delay should
be added only to the current channel. Otherwise, add
more delay to the voltage channel than to the current
channel to compensate for a positive phase offset.
Once the phase offset is known, the CPCC and FPCC
bits for that channel are calculated and programmed in
the PC register.
CPCC bits are used if either
• The phase offset is more than 1 output word rate
(OWR) sample.
• More delay is needed on the voltage channel.
The compensation resolution is 0.008789° at 50Hz and
0.010547° at 60Hz at an OWR of 4000Hz.
7.3 Temperature Sensor Calibration
Temperature sensor calibration involves the adjustment
of two parameters: temperature gain (TGAIN) and
temperature offset (TOFF). Before calibration, TGAIN
must be set to 1.0 (0x 01 0000), and TOFF must be set
to 0.0 (0x 00 0000).
7.3.1 Temperature Offset and Gain Calibration
To obtain the optimal temperature offset (TOFF) register
value and temperature (TGAIN) register value, it is
necessary to measure the temperature (T) register at a
minimum of two points (T1 and T2) across the meter
operating temperature range. The two temperature
points must be far enough apart to yield reasonable
accuracy, for example 25°C and 85°C. Obtain a linear
fit of these points (
), where the slope (m)
and intercept (b) can be obtained.
Figure 20. T Register vs. Force Temp
TOFF and TGAIN are calculated using the equations
below:
ym x b
+
=
T Register Value
Y = m • x + b
m
b
T1
T2
TOFF
b
m
-----
=
TGAIN
m
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com