Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 48Page - Cirrus Logic CS5490 Datasheet HTML 49Page - Cirrus Logic CS5490 Datasheet HTML 50Page - Cirrus Logic CS5490 Datasheet HTML 51Page - Cirrus Logic CS5490 Datasheet HTML 52Page - Cirrus Logic CS5490 Datasheet HTML 53Page - Cirrus Logic CS5490 Datasheet HTML 54Page - Cirrus Logic CS5490 Datasheet HTML 55Page - Cirrus Logic CS5490 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
CS5490
52
DS982F2
result in the AC offset register. This AC offset will be
subtracted from RMS measurements in subsequent
conversions, removing the AC offset on the current
channel.
The AC offset register for the channel being calibrated
should first be cleared prior to performing the
calibration. The high-pass filter should be enabled if AC
offset calibration is used. It is recommended that
TSETTLE be set to 2000ms before performing an AC
offset calibration. Note that the AC offset register holds
the square of the RMS value measured during
calibration. Therefore, it can hold a maximum RMS
noise of
. This is the maximum RMS noise
that AC offset correction can remove.
7.1.2 Gain Calibration
Prior to executing the gain calibration command, gain
registers for any path to be calibrated (VGAIN, IGAIN)
should be set to ‘1.0,’ and TSETTLE should be set to
2000 ms. For gain calibration, a reference signal must
be applied to the meter. During gain calibration, the
voltage RMS result register (VRMS) is divided into ‘0.6,’
and the current RMS result register (IRMS) is divided into
the Scale register. The quotient is put into the
associated gain register. The gain calibration algorithm
attempts to adjust the gain register (VGAIN, IGAIN) such
that the voltage RMS result register (VRMS) equals ‘0.6,’
and the current RMS result register (IRMS) equals the
Scale register.
Note that for the gain calibration, there are limitations on
choosing the reference level and the Scale register
value. Using a reference or a scale that is too large or
too small can cause register overflow during calibration
or later during normal operation. Either condition can set
Status register bits IOR and VOR. The maximum value
that the gain register can attain is ‘4.’ Using
inappropriate reference levels or scale values may also
cause the CS5490 to attempt to set the gain register
higher than ‘4.’ Therefore, the gain calibration result will
be invalid.
The Scale register is ‘0.6’ by default. The maximum
voltage (UMAX Volts) and current (IMAX Amps) of the
meter should be used as the reference signal level if the
Scale register is ‘0.6.’ After gain calibration, ‘0.6’ of the
VRMS (IRMS) registers represents UMAX Volts (IMAX
Amps) for the line voltage (load current); ‘0.36’ of the
PAVG, QAVG, or S register represents UMAX ×IMAX
Watts, Vars, or VAs for the active, reactive, or apparent
power.
If the calibration is performed with UMAX Volts and ICAL
Amps and ICAL <IMAX, the Scale register needs to be
scaled down to 0.6 × ICAL /IMAX before performing gain
calibration. After gain calibration, ‘0.6’ of the VRMS
register represents UMAX Volts, 0.6 x ICAL /IMAX of the
IRMS register represents ICAL Amps, and 0.36 x
ICAL /IMAX of the PAVG, QAVG, or S register represents
UMAX xICAL Watts, Vars, or VAs.
7.1.3 Calibration Order
1) If the HPF option is enabled, then any DC compo-
nent that may be present in the selected signal chan-
nel will be removed, and a DC offset calibration is not
required. However, if the HPF option is disabled, the
DC offset calibration should be performed.
When using high-pass filters, it is recommended that
the DC offset register for the corresponding channel
be set to 0. Before performing DC offset calibration,
the DC offset register should be set to 0, and the cor-
responding gain register should be set to 1.
2) If there is an AC offset in the IRMS calculation, the AC
offset calibration should be performed on the current
channel. Before performing AC offset calibration, the
AC offset register should be set to 0.
3) Perform the gain calibration.
4) If an AC offset calibration was performed (step 2),
then the AC offset may need to be adjusted to com-
pensate for the change in gain (step 3). This can be
accomplished by restoring zero to the AC offset reg-
ister and then performing an AC offset calibration.
The adjustment could also be done by multiplying the
AC offset register value that was calculated in step 2
by the gain calculated in step 3 and updating the AC
offset register with the product.
7.2 Phase Compensation
A phase compensation mechanism is provided to adjust
for meter-to-meter variation in signal path delays.
Phase offset between a voltage channel and its
corresponding current channel can be calculated by
using the power factor (PF) register after a conversion.
1) Apply a reference voltage and current with a lagging
power factor to the meter. The reference current
waveform should lag the voltage with a 60° phase
shift.
2) Start continuous conversion.
3) Accumulate multiple readings of the PF register.
4) Calculate the average power factor, PFavg.
5) Calculate phase offset = arccos(PFavg) - 60°.
0xFFFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com