Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6651EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 10Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Slave Address
Command byte: Selects
which register you are
writing to.
Data byte: Data goes into
the register set by the
command byte (to set
thresholds, configuration
masks, and sampling rate).
Figure 2a. SMBus Protocol: Write Byte Format
Slave Address
Command byte: Selects
which register you are
reading from.
Slave Address.
Repeated due to
change in data-flow
direction
Data byte: Reads from
the register set by the
command byte.
Figure 2b. SMBus Protocol: Read Byte Format
Data byte: Reads data
from the register com-
manded by the last
read-byte or write-byte
transmission; also
used for SMBus alert
response return address.
Figure 2c. SMBus Protocol: Receive Byte Format
S = Start condition
Shaded = Slave transmission
WR = Write = 0
P = Stop condition
ACK = Acknowledged = 0
RD = Read =1
A = Not acknowledged = 1
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
Maxim Integrated
7
MAX6650/MAX6651
COMMAND
S
8 bits
P
ACK
DATA
8 bits
WR
0
ACK
ADDRESS
7 bits
ACK
COMMAND
S
8 bits
WR
0
ACK
ADDRESS
7 bits
ACK
S
P
A
DATA
8 bits
RD
1
ADDRESS
7 bits
ACK
S
P
A
DATA
8 bits
RD
1
ADDRESS
7 bits
ACK
Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com