Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6651EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 10Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 14Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
12
Maxim Integrated
MAX6650/MAX6651
Table 8. Alarm Status Register Bit Assignments
7 (MSB) to 5
GPIO1
—
BIT
GPIO2 (MAX6651 only)
0
4
NAME
1
MIN
3
0
0 (LSB)
0
0
POR
(DEFAULT)
STATE
MAX
0
Always 0
Minimum Output Level Alarm
GPIO1 Alarm. Set when GPIO1 is low.
GPIO2 Alarm. Set when GPIO2 is low (MAX6651 only).
FUNCTION
Maximum Output Level Alarm
Tachometer Overflow Alarm
2
TACH
0
The first 6 bits of the Tachometer Count-Time Register
are always zero, and the last 2 bits set the count time
(Table 9). The count time may be determined from the
following equation:
tCOUNT = 0.25s x 2KCOUNT
where KCOUNT is the numerical value of the two 2LSBs.
The 0.25 factor has a ±10% uncertainty.
Upon power-up, the Tachometer Count Registers reset
to 00h and the Tachometer Count-Time Register sets a
1s integration time.
Digital-to-Analog Converter
When using the open-loop mode of operation, the DAC
Register sets the voltage on the low side of the fan. An
internal operational amplifier compares the feedback
voltage (VFB) with the reference voltage set by the 8-bit
DAC, and adjusts the output voltage (VOUT) until the
two input voltages are equal. The voltage at the FB pin
may be determined by the following equation:
VFB = (10 x VREF x KDAC) / 256
and the voltage across the fan is:
where KDAC is the numerical value of the DAC Register
and VREF = 1.5V. The minimum feedback voltage is
limited by the voltage drop across the external MOS-
FET (RON x IFAN), and the maximum voltage is limited
by the fan’s supply voltage (VFAN). For linear opera-
V
k
k
K
V
FAN
DAC
REF
–
90
10
1
256
+
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
Table 9. Tachometer Count-Time Register
(Assumes two pulses per revolution)
1 = Alarm condition
REGISTER
VALUE
(KCOUNT)
COUNT
TIME
(s)
MAXIMUM
FAN SPEED
(RPS)
MINIMUM
RESOLUTION
(Hz/COUNT)
0000 0000
0.25
512
2
1
256
0.5
0000 0001
0000 0010
1.0
128
0.5
0.25
64
2.0
0000 0011
Table 7. Alarm-Enable Register Bit Masks
7 (MSB) to 5
GPIO1
—
BIT
GPIO2 (MAX6651 only)
0
4
NAME
1
MIN
3
0
0 (LSB)
0
0
POR
(DEFAULT)
STATE
MAX
0
2
TACH
0
Always 0
Minimum Output Level Alarm Enable/Disable
GPIO1 Alarm Enable/Disable
GPIO2 Alarm Enable/Disable (MAX6651 only)
FUNCTION
Maximum Output Level Alarm Enable/Disable
Tachometer Overflow Alarm Enable/Disable
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com