Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6651EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6651EEE Datasheet HTML 1Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
k
Ω
9.5
10.5
Selects slave address 3Eh (Table 1)
RADD
ADD External Pulldown Resistor
to GND
Selects slave address 36h (Table 1) (Note 3)
µA
-1
0
ILADD
ADD Input Leakage
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 5V.)
TIMING CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 5V.)
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
Maxim Integrated
3
MAX6650/MAX6651
Selects slave address 96h (Table 1)
Selects slave address 90h (Table 1)
CONDITIONS
V
VCC - 0.05
VIH(ADD)
ADD Input High Voltage
V
0.1
VIL(ADD)
ADD Input Low Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ADDRESS SELECT (ADD)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
µs
500
Minimum pulse duration
Glitch Rejection
kHz
254
fCLK
Clock Frequency
kHz
0
400
fSCL
SCL Clock Frequency
µs
1.3
tBUF
Bus Free Time Between Stop
and Start Condition
Hold-Time Start Condition
tHD:STA
0.6
µs
µs
1.3
tLOW
Low Period of the SCL Clock
High Period of the SCL Clock
tHIGH
0.6
µs
µs
0
900
(Note 5)
tHD:DAT
Data Hold Time
Data Setup Time
tSU:DAT
100
ns
ns
20 + 0.1CB(pF)
300
(Note 6)
tR
Rise-Time SDA/SCL Signal
(Receiving)
Fall-Time SDA/SCL Signal
(Receiving)
tF
(Note 6)
20 + 0.1CB(pF)
300
ns
ns
20 + 0.1CB(pF)
250
ISINK < 6mA (Note 6)
tF
Fall-Time SDA Signal
(Transmitting)
%
-10
+10
VCC = 5V
fCLK
Clock Frequency Uncertainty
TACHOMETERS
GPIO2 (Note 2)
SMBus/I2C INTERFACE (Figures 3, 4)
VADD = 0.5V (Note 4)
SMBus/I2C INTERFACE (SDA, SCL)
µA
-80
-40
IADD
ADD Pulldown Current
VSDA = 0.6V
mA
6
ISDA
Data Output Sink Current
VCC
≤ 3.6V
V
2
V
0.8
VIL
Input Low Voltage
0 < VIN < VCC
µA
±1
Input Leakage Current
VCC > 3.6V
3
VIH
Input High Voltage
mV
200
VHYS
Input Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com