Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6651EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6651EEE Datasheet HTML 1Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
MAX6650/MAX6651
4
Maxim Integrated
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
240
245
255
250
260
265
3.0
4.0
3.5
4.5
5.0
5.5
INTERNAL OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
200
220
260
240
280
300
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
050
100
VCC = 5.5V
VCC = 3.0V
2.0
2.1
2.3
2.2
2.4
2.5
FEEDBACK VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
050
100
1.9
1.8
VCC = 5.5V,
VFAN = 5.5V, VFAN = 12.0V
VFAN = 12.0V, VFAN = 5.5V
VCC = 3.0V
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
3.0
3.5
4.0
4.5
5.0
5.5
FEEDBACK VOLTAGE vs. SUPPLY
VOLTAGE (DAC SET TO 35)
SUPPLY VOLTAGE (V)
VFAN = 5.5V
VFAN = 12.0V
2.0
2.4
2.2
2.8
2.6
3.0
3.2
3.6
3.4
3.8
3.0
3.4
3.8
4.2
4.6
3.2
3.6
4.0
4.4
4.8 5.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
3.0
2.5
3.5
4.0
-40
0
-20
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5.5V
VCC = 3V
TIMING CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 5V.)
Note 1: For proper measurement of VFB, connect OUT and FB as shown in the Typical Operating Circuit.
Note 2: GPIO2, GPIO3, and GPIO4 only in the MAX6651.
Note 3: Guaranteed by design and not 100% production tested.
Note 4: For RADD component test purposes only.
Note 5: Note that the transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SCL’s
falling edge.
Note 6: CB is the total capacitance of one bus line in pF. Tested with CB = 400pF. Rise and fall times are measured between 0.3 x
VCC and 0.7 x VCC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
µs
ns
050
0.6
tSPIKE
tSU:STO
Setup Time for Stop Condition
Pulse Width of Spike Suppressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com