Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6651EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6651EEE Datasheet HTML 1Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX6650/MAX6651 fan controllers use an
SMBus/I2C-compatible interface to regulate and moni-
tor the speed of 5VDC/12VDC brushless fans with built-
in tachometers. They automatically force the fan’s
tachometer frequency (fan speed) to match a prepro-
grammed value in the Fan-Speed Register by using an
external MOSFET or bipolar transistor to linearly regu-
late the voltage across the fan. The MAX6650 regulates
the speed of a single fan by monitoring its tachometer
output. The MAX6651 also regulates the speed of a sin-
gle fan, but it contains additional tachometer inputs to
monitor up to four fans and control them as a single unit
when they are used in parallel.
The MAX6650/MAX6651 provide general-purpose
input/output (GPIO) pins that serve as digital inputs,
digital outputs, or various hardware interfaces. Capable
of sinking 10mA, these open-drain inputs/outputs can
drive an LED. To add additional hardware control, con-
figure GPIO1 to fully turn on the fan in case of software
failure. To generate an interrupt when a fault condition
is detected, configure GPIO0 to behave as an active-
low alert output. Synchronize multiple devices by set-
ting GPIO2 (MAX6651 only) as an internal clock output
or an external clock input.
The MAX6650 is available in a space-saving 10-pin
µMAX® package, and the MAX6651 is available in a
small 16-pin QSOP package.
________________________Applications
RAID
Desktop Computers
Servers
Networking
Workstations
Telecommunications
____________________________Features
♦ Closed/Open-Loop Fan-Speed Control for
5V/12V Fans
♦ 2-Wire SMBus/I2C-Compatible Interface
♦ Monitors Tachometer Output
Single Tachometer (MAX6650)
Up to Four Tachometers (MAX6651)
♦ Programmable Alert Output
♦ GPIOs
♦ Hardware Full-On Override
♦ Synchronize Multiple Fans
♦ Four Selectable Slave Addresses
♦ 3V to 5.5V Supply Voltage
♦ Small Packages
10-Pin µMAX (MAX6650)
16-Pin QSOP (MAX6651)
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
MAX6650/MAX6651
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
EVALUATION KIT AVAILABLE
19-1784; Rev 5; 12/12
Ordering Information
µMAX is a registered trademark of Maxim Integrated Products, Inc.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
MAX6650
VCC
SCL
10k
Ω
SDA
GPIO0
OUT
ADD
GND
FB
TACH0
VCC
3V TO 5.5V
VFAN
5V OR 12V
CCOMP
10
μF
SMBus/I2C
INTERFACE
GPIO1
LED
FAN
FULL ON
ALERT
Typical Operating Circuit
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6650EUB
-40
°C to +85°C
10 µMAX
MAX6650EUB+
-40
°C to +85°C
10 µMAX
MAX6651EEE
-40
°C to +85°C
16 QSOP
MAX6651EEE+
-40
°C to +85°C
16 QSOP


Similar Part No. - MAX6651EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6651EEE MAXIM-MAX6651EEE Datasheet
315Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6651EEE MAXIM-MAX6651EEE Datasheet
241Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6651EEE MAXIM-MAX6651EEE Datasheet
260Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6651EEE+ MAXIM-MAX6651EEE+ Datasheet
260Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results

Similar Description - MAX6651EEE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
SMBus/I2C Fan Speed Controller in SOT-23
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
logo
ON Semiconductor
NCT7491RQR2G ONSEMI-NCT7491RQR2G Datasheet
850Kb / 80P
Remote Thermal Monitor and Fan Controller with PECI 3.0 Interface and SMBus Compatible Master
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com