Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6651EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
HEX
96
36
3E
90
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
6
Maxim Integrated
MAX6650/MAX6651
The MAX6650/MAX6651 employ three standard SMBus
protocols: write byte, read byte, and receive byte
(Figure 2). The shorter protocol (receive) allows quicker
transfers, provided that the correct data register was
previously selected by a write or read byte instruction.
Use caution with the shorter protocol in multimaster
systems, since a second master could overwrite the
command byte without informing the first master.
Slave Addresses
The device address can be set to one of four different
values. Accomplish this by pin-strapping ADD so that
more than one MAX6650/MAX6651 can reside on the
same bus without address conflicts (Table 1).
SMBus/I2C
INTERFACE
SMBus/I2C
INTERFACE
VCC
3V TO 5.5V
VCC
SCL
SDA
ADD
GND
FAN SPEED
CONFIGURE
ALARM ENABLE
ALARM STATUS
TACH COUNT
COUNT TIME
GPIO DEF
GPIO STATUS
DAC
ADDRESS
DECODE
TACHOMETER
COUNT
CONTROL
LOGIC
8-BIT
DAC
10k
Ω
VREF
GPIO
BLOCKS
(FIGURE 5)
GPIO0
OUT
FB
TACH0
GPIO1
10k
Ω
90k
Ω
90k
Ω
10k
Ω
MAX6650
MAX6651
ALERT
FULL ON
FAN
VFAN = 5V OR 12V
VOFFSET
Figure 1. Block Diagram
Table 1. Slave Address Decoding (ADD)
BINARY
VCC
1001 011
No connection (high-Z)
0011 011
10k
Ω resistor to GND
0011 111
ADDRESS
ADD
1001 000
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com