Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322AST Datasheet(PDF) 7 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 3Page - Analog Devices AD73322AST Datasheet HTML 4Page - Analog Devices AD73322AST Datasheet HTML 5Page - Analog Devices AD73322AST Datasheet HTML 6Page - Analog Devices AD73322AST Datasheet HTML 7Page - Analog Devices AD73322AST Datasheet HTML 8Page - Analog Devices AD73322AST Datasheet HTML 9Page - Analog Devices AD73322AST Datasheet HTML 10Page - Analog Devices AD73322AST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
–7–
REV. B
AD73322
AD73322A
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
LOGIC INPUTS
VINH, Input High Voltage
DVDD – 0.8
DVDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
±0.5
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUT
VOH, Output High Voltage
DVDD – 0.4
DVDD
V
|IOUT| ≤ 100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT| ≤ 100 µA
Three-State Leakage Current
±0.3
µA
POWER SUPPLIES
AVDD1, AVDD2
4.5
5.5
V
DVDD
4.5
5.5
V
IDD
10
See Table II
NOTES
1Operating temperature range is as follows: –40
°C to +85°C. Therefore, T
MIN = –40°C and TMAX = +85°C.
2Test conditions: Input PGA set for 0 dB gain, Output PGA set for 6 dB gain, no load on analog outputs (unless otherwise stated).
3At input to sigma-delta modulator of ADC.
4Guaranteed by design.
5Overall group delay will be affected by the sample rate and the external digital filtering.
6The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (3.3
× 1011)/DMCLK.
7Between VOUTP and VOUTN.
8At VOUT output.
9Frequency responses of ADC and DAC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB
preamplifier bypassed and input gain of 0 dB.
10Test conditions: no load on digital inputs, analog inputs ac coupled to ground, no load on analog outputs.
Specifications subject to change without notice.
Table II. Current Summary (AVDD = DVDD = +5.5 V)
Analog
Digital
Total Current
MCLK
Conditions
Current
Current
(Typ)
SE
ON
Comments
ADCs On Only
7.5
9
16.5
1
YES
REFOUT Disabled
DACs On Only
16
9
25
1
YES
REFOUT Disabled
ADC and DAC On
20.5
10
30.5
1
YES
REFOUT Disabled
ADCs and DACs
and Input Amps On
27
10
37
1
YES
REFOUT Disabled
ADCs and DACs
and AGT On
25
10
35
1
YES
REFOUT Disabled
All Sections On
35
10
45
1
YES
REFCAP On Only
0.8
0
0.8
0
NO
REFOUT Disabled
REFCAP and
REFOUT On Only
3.5
0
3.5
0
NO
All Sections Off
0
3
3
0
YES
MCLK Active Levels Equal to 0 V and DVDD
All Sections Off
0
10
µA
10
µA
0
NO
Digital Inputs Static and Equal to 0 V or DVDD
The above values are in mA and are typical values unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com