Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322AST Datasheet(PDF) 31 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 31 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 27Page - Analog Devices AD73322AST Datasheet HTML 28Page - Analog Devices AD73322AST Datasheet HTML 29Page - Analog Devices AD73322AST Datasheet HTML 30Page - Analog Devices AD73322AST Datasheet HTML 31Page - Analog Devices AD73322AST Datasheet HTML 32Page - Analog Devices AD73322AST Datasheet HTML 33Page - Analog Devices AD73322AST Datasheet HTML 34Page - Analog Devices AD73322AST Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
AD73322
–31–
REV. B
The AD73322’s ADC inputs are biased about the internal refer-
ence level (REFCAP level), therefore it may be necessary to
bias external signals to this level using the buffered REFOUT
level as the reference. This is applicable in either dc- or ac-
coupled configurations. In the case of dc coupling, the signal
(biased to REFOUT) may be applied directly to the inputs
(using amplifier bypass), as shown in Figure 28, or it may be
conditioned in an external op amp where it can also be biased
to the reference level using the buffered REFOUT signal as
shown in Figure 29 or it is possible to connect inputs directly
to the AD73322’s input op amps as shown in Figure 30.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
AD73322
VREF
50k
100pF
50k
100pF
50k
50k
REFCAP
0.1 F
0/38dB
PGA
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 30. Analog Input (DC-Coupled) Using Internal
Amplifiers
In the case of ac coupling, a capacitor is used to couple the
signal to the input of the ADC. The ADC input must be biased
to the internal reference (REFCAP) level which is done by
connecting the input to the REFOUT pin through a 10 k
Ω
resistor as shown in Figure 31.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
AD73322
VREF
100
100
0.1 F
REFCAP
0.1 F
0/38dB
PGA
0.047
F
0.047
F
10k
0.1 F
10k
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 31. Analog Input (AC-Coupled) Differential
If the ADC is being connected in single-ended mode, the
AD73322 should be programmed for single-ended mode using
the SEEN and INV bits of CRF and the inputs connected as
shown in Figure 32. When operated in single-ended input
mode, the AD73322 can multiplex one of the two inputs to the
ADC input.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
0/38dB
PGA
AD73322
VREF
0.047
F
100
10k
0.1 F
REFCAP
0.1 F
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 32. Analog Input (AC-Coupled) Single-Ended
If best performance is required from a single-ended source, it
is possible to configure the AD73322’s input amplifiers as a
single-ended to differential converter as shown in Figure 33.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
0/38dB
PGA
AD73322
50k
100pF
50k
100pF
50k
50k
REFCAP
0.1 F
VREF
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 33. Single-Ended to Differential Conversion On
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com