Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322AST Datasheet(PDF) 27 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 23Page - Analog Devices AD73322AST Datasheet HTML 24Page - Analog Devices AD73322AST Datasheet HTML 25Page - Analog Devices AD73322AST Datasheet HTML 26Page - Analog Devices AD73322AST Datasheet HTML 27Page - Analog Devices AD73322AST Datasheet HTML 28Page - Analog Devices AD73322AST Datasheet HTML 29Page - Analog Devices AD73322AST Datasheet HTML 30Page - Analog Devices AD73322AST Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AD73322
–27–
REV. B
Table XXII. Device Count Settings
DC2
DC1
DC0
Cascade Length
00
0
1
00
1
2
01
0
3
01
1
4
10
0
5
10
1
6
11
0
7
11
1
8
PERFORMANCE
As the AD73322 is designed to provide high performance, low
cost conversion, it is important to understand the means by
which this high performance can be achieved in a typical appli-
cation. This section will, by means of spectral graphs, outline
the typical performance of the device and highlight some of the
options available to users in achieving their desired sample rate,
either directly in the device or by doing some post-processing in
the DSP, while also showing the advantages and disadvantages
of the different approaches.
Encoder Section
The AD73322 offers a variable sampling rate from a fixed
MCLK frequency—with 64 kHz, 32 kHz, 16 kHz and 8 kHz
being available with a 16.384 MHz external clock. Each of these
sampling rates preserves the same sampling rate in the ADC’s
sigma-delta modulator, which ensures that the noise perfor-
mance is optimized in each case. The examples below will show
the performance of a 1 kHz sine wave when converted at the
various sample rates.
The range of sampling rates is aimed to offer the user a degree
of flexibility in deciding how their analog front end is to be
implemented. The high sample rates of 64 kHz and 32 kHz are
suited to those applications, such as active control, where low
conversion group delay is essential. On the other hand, the
lower sample rates of 16 kHz and 8 kHz are better suited for
applications such as telephony, where the lower sample rates
result in lower DSP overhead.
Figure 20 shows the spectrum of the 1 kHz test tone sampled at
64 kHz. The plot shows the characteristic shaped noise floor of
a sigma-delta converter, which is initially flat in the band of
interest but then rises with increasing frequency. If a suitable
digital filter is applied to this spectrum, it is possible to eliminate
the noise floor in the higher frequencies. This signal can then be
used in DSP algorithms or can be further processed in a deci-
mation algorithm to reduce the effective sample rate. Figure 21
shows the resulting spectrum following the filtering and decima-
tion of the spectrum of Figure 20 from 64 kHz to an 8 kHz rate.
FREQUENCY – Hz
0
0.5
0
–20
1.0
1.5
2.0
2.5
3.0
3.5
–100
–140
–120
–40
–60
–80
104
Figure 20. FFT (ADC 64 kHz Sampling)
FREQUENCY – Hz
0
500
0
–20
–40
–60
–80
–100
–120
1000
1500
2000
2500
3000
3500
4000
Figure 21. FFT (ADC 8 kHz Filtered and Decimated from
64 kHz)
The AD73322 also features direct sampling at the lower rate of
8 kHz. This is achieved by the use of extended decimation regis-
ters within the decimator block, which allows for the increased
word growth associated with the higher effective oversampling
ratio. Figure 22 details the spectrum of a 1 kHz test tone con-
verted at an 8 kHz rate.
FREQUENCY – Hz
0
500
0
50
100
1000
1500
2000
2500
3000
3500
4000
150
Figure 22. FFT (ADC 8 kHz Direct Sampling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com