Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322AST Datasheet(PDF) 32 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 32 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 28Page - Analog Devices AD73322AST Datasheet HTML 29Page - Analog Devices AD73322AST Datasheet HTML 30Page - Analog Devices AD73322AST Datasheet HTML 31Page - Analog Devices AD73322AST Datasheet HTML 32Page - Analog Devices AD73322AST Datasheet HTML 33Page - Analog Devices AD73322AST Datasheet HTML 34Page - Analog Devices AD73322AST Datasheet HTML 35Page - Analog Devices AD73322AST Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
AD73322
–32–
REV. B
Interfacing to an Electret Microphone
Figure 34 details an interface for an electret microphone which
may be used in some voice applications. Electret microphones
typically feature a FET amplifier whose output is accessed on
the same lead which supplies power to the microphone, there-
fore this output signal must be capacitively coupled to remove
the power supply (dc) component. In this circuit the AD73322
input channel is being used in single-ended mode where the
internal inverting amplifier provides suitable gain to scale the
input signal relative to the ADC’s full-scale input range. The
buffered internal reference level at REFOUT is used via an
external buffer to provide power to the electret microphone.
This provides a quiet, stable supply for the microphone. If this
is not a concern, then the microphone can be powered from the
system power supply.
CONTINUOUS
TIME
LOW-PASS
FILTER
VREF
VFBN1
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
AD73322
VREF
+6/–15dB
PGA
REFERENCE
0/38dB
PGA
GAIN
1
C1
R2
R1
C2
RB
RA
+5V
ELECTRET
PROBE
10 F
CREFCAP
Figure 34. Electret Microphone Interface Circuit
Analog Output
The AD73322’s differential analog output (VOUT) is produced
by an on-chip differential amplifier. The differential output can
be ac-coupled or dc-coupled directly to a load which can be a
headset or the input of an external amplifier (the specified mini-
mum resistive load on the output section is 150
Ω.) It is possible
to connect the outputs in either a differential or a single-ended
configuration but please note that the effective maximum output
voltage swing (peak to peak) is halved in the case of single-
ended connection. Figure 35 shows a simple circuit providing a
differential output with ac coupling. The capacitors in this cir-
cuit (COUT) are optional; if used, their value can be chosen as
follows:
C
fR
OUT
C
LOAD
=
1
2
π
where fC = desired cutoff frequency.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
REFERENCE
AD73322
CREFCAP
RLOAD
COUT
COUT
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 35. Example Circuit for Differential Output
Figure 36 shows an example circuit for providing a single-ended
output with ac coupling. The capacitor of this circuit (COUT) is
not optional if dc current drain is to be avoided.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
REFERENCE
AD73322
RLOAD
COUT
0.1 F
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 36. Example Circuit for Single-Ended Output
Differential to Single-Ended Output
In some applications it may be desireable to convert the full
differential output of the decoder channel to a single-ended
signal. The circuit of Figure 37 shows a scheme for doing this.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
REFERENCE
AD73322
VREF
0/38dB
PGA
RLOAD
R I
R I
R F
R F
0.1 F
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 37. Example Circuit for Differential to Single-
Ended Output Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com