Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 5Page - Analog Devices AD73322AST Datasheet HTML 6Page - Analog Devices AD73322AST Datasheet HTML 7Page - Analog Devices AD73322AST Datasheet HTML 8Page - Analog Devices AD73322AST Datasheet HTML 9Page - Analog Devices AD73322AST Datasheet HTML 10Page - Analog Devices AD73322AST Datasheet HTML 11Page - Analog Devices AD73322AST Datasheet HTML 12Page - Analog Devices AD73322AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
AD73322
–9–
REV. B
TIMING CHARACTERISTICS
Limit at
Parameter
TA = –40 C to +85 C
Units
Description
Clock Signals
See Figure 1
t1
61
ns min
MCLK Period
t2
24.4
ns min
MCLK Width High
t3
24.4
ns min
MCLK Width Low
Serial Port
See Figures 3 and 4
t4
t1
ns min
SCLK Period
t5
0.4
× t
1
ns min
SCLK Width High
t6
0.4
× t
1
ns min
SCLK Width Low
t7
20
ns typ
SDI/SDIFS Setup Before SCLK Low
t8
0
ns typ
SDI/SDIFS Hold After SCLK Low
t9
10
ns typ
SDOFS Delay from SCLK High
t10
10
ns typ
SDOFS Hold After SCLK High
t11
10
ns typ
SDO Hold After SCLK High
t12
10
ns typ
SDO Delay from SCLK High
t13
30
ns typ
SCLK Delay from MCLK
Specifications subject to change without notice.
(AVDD = +5 V
10%; DVDD = +5 V
10%; AGND = DGND = 0 V; TA = TMlN to TMAX, unless
otherwise noted)
t3
t2
t1
Figure 1. MCLK Timing
t11
t7
t9
t10
t7
t8
t8
SE (I)
SCLK (O)
SDIFS (I)
SDI (I)
SDOFS (O)
SDO (O)
THREE-
STATE
THREE-
STATE
THREE-
STATE
D15
D2D1D0
D14
D15
D0
D1
D14
D15
D15
t12
Figure 4. Serial Port (SPORT)
t3
t1
t2
t13
* SCLK IS INDIVIDUALLY PROGRAMMABLE
IN FREQUENCY (MCLK/4 SHOWN HERE).
t4
t5
t6
MCLK
SCLK*
Figure 3. SCLK Timing
TO OUTPUT
PIN
+2.1V
100 A
100 A
IOL
IOH
CL
15pF
Figure 2. Load Circuit for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com