Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322AST Datasheet(PDF) 13 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 9Page - Analog Devices AD73322AST Datasheet HTML 10Page - Analog Devices AD73322AST Datasheet HTML 11Page - Analog Devices AD73322AST Datasheet HTML 12Page - Analog Devices AD73322AST Datasheet HTML 13Page - Analog Devices AD73322AST Datasheet HTML 14Page - Analog Devices AD73322AST Datasheet HTML 15Page - Analog Devices AD73322AST Datasheet HTML 16Page - Analog Devices AD73322AST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
AD73322
–13–
REV. B
VIN – dBm0
–85
5
–75
–65
–55
–45
–35
–25
–15
–5
80
70
–10
30
20
10
0
50
40
60
3.17
Figure 5. S/(N+D) vs. VIN (ADC @ 3 V) over Voiceband
Bandwidth (300 Hz–3.4 kHz)
VIN – dBm0
–85
5
–75
–65
–55
–45
–35
–25
–15
–5
80
70
–10
30
20
10
0
50
40
60
3.17
Figure 6. S/(N+D) vs. VIN (DAC @ 3 V) over Voiceband
Bandwidth (300 Hz–3.4 kHz)
VIN – dBm0
–85
5
–75
–65
–55
–45
–35
–25
–15
–5
80
70
–10
30
20
10
0
50
40
60
3.17
Figure 7. S/(N+D) vs. VIN (ADC @ 5 V) over Voiceband
Bandwidth (300 Hz–3.4 kHz)
VIN – dBm0
–85
5
–75
–65
–55
–45
–35
–25
–15
–5
80
70
–10
30
20
10
0
50
40
60
3.17
Figure 8. S/(N+D) vs. VIN (DAC @ 5 V) over Voiceband
Bandwidth (300 Hz–3.4 kHz)
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com