Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV775C Datasheet(PDF) 7 Page - Analog Devices

Part # AV775C
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AV775C Datasheet(HTML) 7 Page - Analog Devices

Back Button AV775C Datasheet HTML 3Page - Analog Devices AV775C Datasheet HTML 4Page - Analog Devices AV775C Datasheet HTML 5Page - Analog Devices AV775C Datasheet HTML 6Page - Analog Devices AV775C Datasheet HTML 7Page - Analog Devices AV775C Datasheet HTML 8Page - Analog Devices AV775C Datasheet HTML 9Page - Analog Devices AV775C Datasheet HTML 10Page - Analog Devices AV775C Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD775
REV. 0
–7–
In the topology shown in Figure 8, the top of the ladder (VRT)
is shorted to the top bias resistor (VRTS) (Pin 17 shorted to Pin
16), while the bottom of the ladder (VRB) is shorted to the bot-
tom bias resistor (VRBS) (Pin 23 shorted to Pin 22). This creates
a resistive path (nominally 725 ohms) between AVDD and AVSS.
For nominal supply voltages (5 V and 0 V respectively), this
creates an input range of 0.64 V to 2.73 V.
Both top and bottom of the reference ladder should be de-
coupled, preferably with a chip capacitor to ground to minimize
reference noise.
The topology shown in Figure 9 provides a ground-inclusive
input range. The bottom of the ladder (VRB) is shorted to AVSS.
(0 V), while the top of the ladder (VRT) is connected to the on-
board bias resistor (VRTS). This provides a nominal input range
of 0 V to +2.4 V for AVDD of 5 V. The VRBS pin may be left
floating, or shorted to AVSS.
16
23
17
22
AVDD
AVSS
325
Ω
90
Ω
300
Ω
AD775
*VALUES FOR
RESISTANCE
ARE TYPICAL
0.1
µF
AVSS
Figure 9. Reference Configuration: 0 V to +2.4 V
More elaborate topologies can be used for those wishing to
provide an input span based on an external reference voltage.
The circuit in Figure 10 uses the AD780 2.5 V reference to
drive the top of the ladder (VRT), with the bottom (VRB) of the
ladder grounded to provide an input span of 0 V to +2.5 V. This is
modified in Figure 11 to shift the 2.5 V span up 700 mV.
16
22
17
23
AD775
NC
NC
NC = NO CONNECT
0.1
µF
AD780
5
6
7
8
NC
NC
NC
1
NC
4
3
2
NC
0.1
µF
+5V
Figure 10. Reference Configuration: 0 V to 2.5 V
The AD775 can accommodate dynamic changes in the reference
voltage for gain or offset adjustment. However, conversions that
are in progress, including those in the converter pipeline, while
the reference voltages are changing will be invalid.
16
22
17
23
AD775
NC
NC
NC = NO CONNECT
0.1
µF
VRTS
VRT
VRBS
VRB
1
3
2
AD822
500pF
10k
Ω
20
Ω
10k
Ω
0.1
µF
7
5
6
AD822
500pF
10k
Ω
20
Ω
10k
Ω
0.1
µF
422
Ω
140
Ω
422
Ω
1
3
2
VOUT
GND
VIN
AD680
0.1
µF
+5V
Figure 11. Reference Configuration: 0.7 V to 3.2 V
ANALOG INPUT
The impedance looking into the analog input is essentially
capacitive, as shown in the equivalent circuit of Figure 12, typi-
cally totalling around 11 pF. A portion of this capacitance is
parasitic; the remainder is part of the switched capacitor struc-
ture of the comparator arrays. The switches close on the rising
edge of the clock, acquire the input voltage, and open on the
clock’s falling edge (the sampling instant). The charge that must
be moved onto the capacitors during acquisition will be a func-
tion of the converter’s previous two samples, but there should be
no sample-to-sample crosstalk so long as ample driving imped-
ance and acquisition time are provided.
SWITCHES EACH
CLOCK CYCLE
C2
SWITCHES ON ALTERNATE
CLOCK CYCLES
C3
C1
AVSS
AVDD
C1 + C2 + C3
≈ 11pF
VIN
AD775
Figure 12. Equivalent Analog Input Circuit (VIN)
For example, to ensure accurate acquisition (to 1/4 bit accuracy)
of a full-scale input step in less than 20 ns, a source impedance
of less than 100 ohms is recommended. Figure 13 shows one
option of input buffer circuitry using the AD817. The AD817
acts as both an inverting buffer and level shifting circuit. In
order to level shift the ground-based input signal to the dc level
required by the input of the AD775, the supply voltage is resis-
tively divided to produce the appropriate voltage at the nonin-
verting input of the AD817. For most applications, the AD817
provides a low cost, high performance level shifter. The AD811
is recommended for systems which require faster settling times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com