Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV775C Datasheet(PDF) 10 Page - Analog Devices

Part # AV775C
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AV775C Datasheet(HTML) 10 Page - Analog Devices

Back Button AV775C Datasheet HTML 4Page - Analog Devices AV775C Datasheet HTML 5Page - Analog Devices AV775C Datasheet HTML 6Page - Analog Devices AV775C Datasheet HTML 7Page - Analog Devices AV775C Datasheet HTML 8Page - Analog Devices AV775C Datasheet HTML 9Page - Analog Devices AV775C Datasheet HTML 10Page - Analog Devices AV775C Datasheet HTML 11Page - Analog Devices AV775C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD775
REV. 0
–10–
Table I. Components List
Reference Designator
Description
Quantity
R1, R2, R14
Potentiometer
3
R3, R15
Resistor, 1%, 499
Ω
2
R4, R13, R16
Resistor, 1%, 49.9
Ω
3
R5, R10
Resistor, 1%, 20
Ω
2
R6–R9
Resistor, 1%, 10 k
Ω
4
R11
Resistor, 1%, 75
Ω
1
R12
Resistor, 1%, 4.99 k
Ω
1
CR1
Diode, 1N4148
1
C1, C2, C5, C6, C9, C12–C15, C18
C20, C22, C23
Ceramic Cap, Z5U, 0.1
µF13
C3, C4
Capacitor, Mica, 390 pF
2
C7
Capacitor, Mica, 10 pF
1
C8
Capacitor, Tantalum, 22
µF, 16 V
1
C11, C16, C19, C21
Capacitor, Alum. Electrolytic, 47
µF, 16 V
4
Q1
Transistor, 2N3904
1
U1
AD680JT
1
U2
AD822AN
1
U3
AD817AN
1
U4
78M05
1
U5
AD775
1
U6
74ALS541N
1
U7
74HC04N
1
J1, J8
BNC Jack
2
VRT and VRB. Note that the VRT and VRB traces (see Figures 19
and 20) are run in parallel and in the same proximity. Any noise
coupling is likely to be common mode to both signals and would
result in an offset error but not a gain error. The entire reference
circuit is powered by a single +5 V supply. The minimum volt-
age for VRB is determined by the impedance of the AD822 out-
put stage and the amount of current flowing through the
internal resistor ladder of the AD775.
The sampling clock is buffered by U7, a 74HC04 inverter. It is
recommended that the output loading of the inverter is mini-
mized in order to maintain fast transition times on the clock. An
additional inverter is used to provide a buffered clock signal
whose rising edges indicate that data is valid. A 74ALS541
buffers the eight digital data outputs of the AD775 to improve
the load driving capability.
The multilayer PCB board layout shows some of the important
design guidelines recommended for the AD775. The most im-
portant aspect is the power and ground distribution. While the
AD775 has separate analog and digital power and ground pins,
the AD775 should be treated as an entirely analog component.
The ground plane is joined close to the ADC in order to main-
tain a low potential difference across the analog and digital
ground pins. Because the power and grounds are derived from a
common point, a slit in the ground plane is used to minimize
any interaction between the analog and digital return currents.
The power for the AD775, AVDD and DVDD, are derived from
the same supply. Separate traces are run to AVDD and DVDD
and joined together at the source. While not used on the evalua-
tion board, a ferrite bead or inductor can effectively isolate noise
generated by digital circuitry such as the output buffers. In cases
where only a single supply is available, the inductor should not
be placed between AVDD and DVDD. Instead, both supplies of
the AD775 should be connected together and isolated from
entirely digital components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com