Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV775C Datasheet(PDF) 4 Page - Analog Devices

Part # AV775C
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AV775C Datasheet(HTML) 4 Page - Analog Devices

  AV775C Datasheet HTML 1Page - Analog Devices AV775C Datasheet HTML 2Page - Analog Devices AV775C Datasheet HTML 3Page - Analog Devices AV775C Datasheet HTML 4Page - Analog Devices AV775C Datasheet HTML 5Page - Analog Devices AV775C Datasheet HTML 6Page - Analog Devices AV775C Datasheet HTML 7Page - Analog Devices AV775C Datasheet HTML 8Page - Analog Devices AV775C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD775
REV. 0
–4–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD775 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN DESCRIPTION
Pin No.
Symbol
Type Name and Function
1
OE
DI
OE
= Low
OE
= High
Normal Operating Mode.
High Impedance Outputs.
2, 24
DVSS
P
Digital Ground. Note: DVSS and AVSS pins should share a common ground plane on the circuit board.
3
D0 (LSB)
DO
Least Significant Bit, Data Bit 0.
4–9
D1–D6
DO
Data Bits 1 Through 6.
10
D7 (MSB)
DO
Most Significant Bit, Data Bit 7.
11, 13
DVDD
P
+5 V Digital Supply. Note: DVDD and AVDD pins should share a common supply on the circuit board.
12
CLK
DI
Clock Input.
16
VRTS
AI
Reference Top Bias. Short to VRT for Self-Bias.
17
VRT
AI
Reference Ladder Top.
23
VRB
AI
Reference Ladder Bottom.
22
VRBS
AI
Reference Bottom Bias. Short to VRB for Self-Bias.
14, 15, 18 AVDD
P
+5 V Analog Supply. Note: DVDD and AVDD pins should share a common supply within 0.5 inches
of the AD775.
19
VIN
AI
Analog Input. Input Span = VRT–VRB.
20, 21
AVSS
P
Analog Ground. Note: DVSS and AVSS pins should share a common ground within 0.5 inches of the
AD775.
NOTE
Type: AI = Analog Input; DI = Digital Input; DO = Digital Output; P = Power.
PIN CONFIGURATION
(DIP and SOIC)
MAXIMUM RATINGS*
Supply Voltage (AVDD, DVDD) . . . . . . . . . . . . . . . . . . . . 7 V
Supply Difference (AVDD–DVDD) . . . . . . . . . . . . . . . . . . 0 V
Ground Difference (AVSS–DVSS) . . . . . . . . . . . . . . . . . . . 0 V
Reference Voltage (VRT, VRB) . . . . . . . . . . . . . . . . VDD to VSS
Analog Input Voltage (VIN) . . . . . . . . . . . . . . . . . . VDD to VSS
Digital Input Voltage (CLK) . . . . . . . . . . . . . . . . . VDD to VSS
Digital Output Voltage (VOH, VOL) . . . . . . . . . . . . VDD to VSS
Storage Temperature . . . . . . . . . . . . . . . . . . –55
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD775JN –20
°C to +75°C 24-Pin 400 Mil Plastic DIP N-24B
AD775JR –20
°C to +75°C 24-Pin 300 Mil SOIC
R-24A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com