Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV775C Datasheet(PDF) 9 Page - Analog Devices

Part # AV775C
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AV775C Datasheet(HTML) 9 Page - Analog Devices

Back Button AV775C Datasheet HTML 4Page - Analog Devices AV775C Datasheet HTML 5Page - Analog Devices AV775C Datasheet HTML 6Page - Analog Devices AV775C Datasheet HTML 7Page - Analog Devices AV775C Datasheet HTML 8Page - Analog Devices AV775C Datasheet HTML 9Page - Analog Devices AV775C Datasheet HTML 10Page - Analog Devices AV775C Datasheet HTML 11Page - Analog Devices AV775C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD775
REV. 0
–9–
POWER SUPPLY CONNECTIONS AND DECOUPLING
The analog and digital supplies of the AD775 have been sepa-
rate to prevent the typically large transients associated with the
on-chip digital circuitry from coupling into the analog supplies
(AVDD, AVSS). However, in order to avoid possible latch-up
conditions, AVDD and DVDD must share a common supply
external to the part, preferably a common source somewhere on
the PC board.
Each supply should be decoupled by a 0.1
µF capacitor located
as close to the device pin as possible. Surface-mount capacitors,
by virtue of their low parasitic inductance, are preferable to
through-hole types. A larger capacitor (10
µF electrolytic)
should be located somewhere on the board to help decouple
large, low frequency supply noise. For specific layout informa-
tion, refer to the AD775 Evaluation Board section of the data
sheet.
J6
C15
D
C13
A
J3
TP4
VRT
C12
+5V
D
C18
+5VA
J9
J5
C14
J4
TP3
VRB
3
2
1
AD822
C4
390pF
R10
20
1/2 U2
R9
10k
8
C9
A
+5VA
6
AD822
7
C3
390pF
R5
20
1/2 U2
R6
10k
J2
5
4
A
A
R7
10k
A
A
9
3
4
5
1
2
6
7
8
10
G1
A1
A2
A3
A4
A5
A6
A7
A8
GND
74ALS541
12
18
17
16
20
19
15
14
13
11
D
D
C22
+5V
VCC
G2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
TP13
ENABLE
J10
D
D
D
1
40
D
P2-40 PIN IDC
A
R8
10k
D
3
2
U1
VIN VOUT
GND
AD680
1
A
+5VA
A
C2
R3
499
C1
A
R2
500
R1
500
R11
75
R12
4.99k
3
2
6
AD817
U3
7
C6
A
C8
22
µF
R13
20
Q1
2N3904
TP2
R4
49.9
A
TP1
J1
ANALOG
INPUT
4
C5
VEE
VCC
VEE
A
VCC
R14
500
+5VA
R15
499
CR1
1N4148
+5VA
A
C7
10pF
TP5
VIN
TP10
R16
49.9
D
TP9
J8
CLOCK
(
)
56
1/6
U7
98
1/6
U7
13
14
17
18
19
15
16
20
21
22
23
24
2
12
11
8
7
6
10
9
5
4
3
1
DVSS
D2
D3
D4
D0
D1
D5
D6
D7
DVDD
CLK
OE
VRB
AVSS
VIN
AVDD
AVSS
VRT
VRTS
AVDD
AVDD
DVDD
DVSS
VRBS
AD775
= 47
µF ELECTROLYTIC CAPACITOR
UNLESS OTHERWISE NOTED
= 0.1
µF CERAMIC CAPACITOR
UNLESS OTHERWISE NOTED
NOTES
VIN VOUT
GND
U4
78M05
J7
C11
D
C21
TP12
TP6
+5V
+5VA
A
VCC
C16
C20
C19
TP7
TP8
TP11
VCC
VEE
1
2
3
4
5
6
VEE
U5
U6
Figure 17. AD775 Evaluation Board Schematic
APPLICATIONS
AD775 EVALUATION BOARD
Figures 17 through 22 show the schematic and printed circuit
board (PCB) layout for the AD775 evaluation board. Referring
to Figure 17, the input signal is buffered by U3, an AD817 op
amp configured as a unity-gain follower. The signal is then ac-
coupled and dc-biased by adjusting potentiometer R14. Video
and imaging applications would typically use a dc-restoration
circuit instead of the manual potentiometer adjustment. Q1, an
emitter-follower, buffers the input signal and provides ample
current to drive a simple low-pass filter. The filtering is included
to limit wideband noise and highlight the fact that the AD775
can be driven from a nonzero source impedance.
The reference circuit is similar to the one shown in Figure 11
with the exception that R1 and R2 allow precise adjustment of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com