Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV775C Datasheet(PDF) 2 Page - Analog Devices

Part # AV775C
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AV775C Datasheet(HTML) 2 Page - Analog Devices

  AV775C Datasheet HTML 1Page - Analog Devices AV775C Datasheet HTML 2Page - Analog Devices AV775C Datasheet HTML 3Page - Analog Devices AV775C Datasheet HTML 4Page - Analog Devices AV775C Datasheet HTML 5Page - Analog Devices AV775C Datasheet HTML 6Page - Analog Devices AV775C Datasheet HTML 7Page - Analog Devices AV775C Datasheet HTML 8Page - Analog Devices AV775C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD775–SPECIFICATIONS
AD775J
Parameter
Min
Typ
Max
Units
RESOLUTION
8
Bits
DC ACCURACY
Integral Nonlinearity (INL)
+0.5
1.3
LSB
Differential Nonlinearity (DNL)
±0.3
±0.5
LSB
No Missing Codes
GUARANTEED
Offset
To Top of Ladder VRT
–10
–35
–60
mV
To Bottom of Ladder VRB
0
+15
+45
mV
VIDEO ACCURACY1
Differential Gain Error
1.0
%
Differential Phase Error
0.5
Degrees
ANALOG INPUT
Input Range (VRT–VRB)
2.0
V p-p
Input Capacitance
11
pF
AC SPECIFICATIONS
2
Signal-to-Noise and Distortion (S/(N + D))
fIN = 1 MHz
47
dB
fIN = 5 MHz
41
dB
Total Harmonic Distortion (THD)
fIN = 1 MHz
–51
dB
fIN = 5 MHz
–42
dB
REFERENCE INPUT
Reference Input Resistance (RREF)
230
300
450
Ω
Case 1: VRT = VRTS, VRB = VRBS
Reference Bottom Voltage (VRB)
0.60
0.64
0.68
V
Reference Span (VRT–VRB)
1.96
2.09
2.21
V
Reference Ladder Current (IREF)
4.4
7.0
9.6
mA
Case 2: VRT = VRTS, VRB = AVSS
Reference Span (VRT–VRB)
2.25
2.39
2.53
V
Reference Ladder Current (IREF)
5811
mA
POWER SUPPLIES
Operating Voltages
AVDD
+4.75
+5.25
Volts
DVDD
+4.75
+5.25
Volts
Operating Current
IAVDD
9.5
mA
IDVDD
2.5
mA
IAVDD + IDVDD
12
17
mA
POWER CONSUMPTION
60
85
mW
TEMPERATURE RANGE
Operating
–20
+75
°C
NOTES
1NSTC 40 IRE modulation ramp, CLOCK = 14.3 MSPS.
2f
IN amplitude = 0.3 dB full scale.
Specifications subject to change without notice. See Definition of Specifications for additional information.
(TA = +25 C with AVDD, DVDD = +5 V, AVSS, DVSS = 0 V, VRT = 2.6 V, VRB = +0.6 V,
CLOCK = 20 MHz unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com