Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV775C Datasheet(PDF) 8 Page - Analog Devices

Part # AV775C
Description  8-Bit 20 MSPS, 60 mW Sampling A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AV775C Datasheet(HTML) 8 Page - Analog Devices

Back Button AV775C Datasheet HTML 4Page - Analog Devices AV775C Datasheet HTML 5Page - Analog Devices AV775C Datasheet HTML 6Page - Analog Devices AV775C Datasheet HTML 7Page - Analog Devices AV775C Datasheet HTML 8Page - Analog Devices AV775C Datasheet HTML 9Page - Analog Devices AV775C Datasheet HTML 10Page - Analog Devices AV775C Datasheet HTML 11Page - Analog Devices AV775C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD775
REV. 0
–8–
AD817
1k
Ω
1k
Ω
5.6k
Ω
0V
DC
+5V
1.5V
DC
19
AD775
A
IN
1k
Ω
10
µF
Figure 13. Level Shifting Input Buffer
The analog input range is set by the voltage at the top and bot-
tom of the reference ladder. In general, the larger the span
(VRT–VRB), the better the differential nonlinearity (DNL) of the
converter; a 1.8 V span is suggested as a minimum to realize
good linearity performance. AS the input voltage exceeds 2.8 V
(for AVDD = 4.75 V), the input circuitry may start to slightly
degrade the acquisition performance.
CLOCK INPUT
The AD775’s internal control circuitry makes use of both clock
edges to generate on-chip timing signals. To ensure proper
settling and linearity performance, both tCH and tCL times
should be 25 ns or greater. For sampling frequencies at or near
20 MSPS, a 50% duty cycle clock is recommended. For slower
sampling applications, the AD775 can accommodate a wider
range of duty cycles, provided each clock phase is as least 25 ns.
Under certain conditions, the AD775 can be operated at sam-
pling rates above 20 MSPS. Figure 14 shows the signal-to-noise
plus distortion (S/(N+D)) performance of a typical AD775
versus clock frequency. It is extremely important to note that the
maximum clock rate will be a strong function of both temperature and
supply voltage. In general, the part slows down with increasing
temperature and decreasing supply voltage.
CLOCK FREQUENCY – MHz
50
40
0
0.1
1
100
10
30
20
10
Figure 14. S(N + D) vs. Clock Frequency (Temperature
= +25
°C)
A significant portion of the AD775’s power dissipation is pro-
portional to the clock frequency: Figure 15 illustrates this
tradeoff for a typical part.
CLOCK FREQUENCY – MHz
100
30
40
60
40
10
50
0
90
70
80
30
20
Figure 15. Power Dissipation vs. Clock Frequency
In applications sensitive to aperture jitter, the clock signal
should have a fall time of less than 3 ns. High speed CMOS
logic families (HC/HCT) are recommended for their symmetri-
cal swing and fast rise/fall times. Care should be taken to mini-
mize the fanout and capacitive loading of the clock input line.
DIGITAL INPUTS AND OUTPUTS
The AD775’s digital interface uses standard CMOS, with logic
thresholds roughly midway between the supplies (DVSS, DVDD).
The digital output is presented in straight binary format, with
full scale (1111 1111) corresponding to VIN = VRT, and zero
(0000 0000) corresponding to VIN = VRB. Excessive capacitive
loading of the digital output lines will increase the dynamic
power dissipation as well as the on-chip digital noise. Logic
fanout and parasitic capacitance on these lines should be mini-
mized for optimum noise performance.
The data output lines may be placed in a high output impedance
state by bringing OE (Pin 1) to a logic high. Figure 16 indicates
typical timing for access and float delay times (tHL and tDD
respectively). Note that even when the outputs are in a high
impedance state, activity on the digital bus can couple back to
the sensitive analog portions of the AD775 and corrupt conver-
sions in progress.
t
DD
t
HL
DATA ACTIVE
DATA
OUTPUT
OE
THREE-STATE
(HIGH IMPEDANCE)
t
DD = 18ns TYPICAL
t
HL = 12ns TYPICAL
Figure 16. High Impedance Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com