Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD827 Datasheet(PDF) 5 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 5 Page - Analog Devices

  AD827 Datasheet HTML 1Page - Analog Devices AD827 Datasheet HTML 2Page - Analog Devices AD827 Datasheet HTML 3Page - Analog Devices AD827 Datasheet HTML 4Page - Analog Devices AD827 Datasheet HTML 5Page - Analog Devices AD827 Datasheet HTML 6Page - Analog Devices AD827 Datasheet HTML 7Page - Analog Devices AD827 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD827
REV. B
–5–
Figure 10. Open-Loop Gain and
Phase Margin vs. Frequency
Figure 13. Common-Mode
Rejection Ratio vs. Frequency
Figure 16. Harmonic Distortion vs.
Frequency
Figure 11. Open-Loop Gain vs.
Load Resistance
Figure 14. Large Signal Frequency
Response
Figure 17. Input Voltage Noise
Spectral Density
Figure 12. Power Supply Rejection
Ratio vs. Frequency
Figure 15. Output Swing and Error
vs. Settling Time
400
350
300
250
200
150
100
–60 –40
–20
0
20
40
60
80
100
120 140
TEMPERATURE –
°C
AV = +1
SLEW RATE 10 – 90%
RISE
FALL
RISE
FALL
VS = ±15V
VS = ±5V
Figure 18. Slew Rate vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com