Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD827 Datasheet(PDF) 7 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 7 Page - Analog Devices

  AD827 Datasheet HTML 1Page - Analog Devices AD827 Datasheet HTML 2Page - Analog Devices AD827 Datasheet HTML 3Page - Analog Devices AD827 Datasheet HTML 4Page - Analog Devices AD827 Datasheet HTML 5Page - Analog Devices AD827 Datasheet HTML 6Page - Analog Devices AD827 Datasheet HTML 7Page - Analog Devices AD827 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD827
VIDEO LINE DRIVER
The AD827 functions very well as a low cost, high speed line
driver for either terminated or unterminated cables. Figure 23
shows the AD827 driving a doubly terminated cable in a
follower configuration.
Figure 23. A Video Line Driver
The termination resistor, RT, (when equal to the cable’s
characteristic impedance) minimizes reflections from the far end
of the cable. While operating from ±5 V supplies, the AD827
maintains a typical slew rate of 200 V/µs, which means it can
drive a ±1 V, 30 MHz signal into a terminated cable.
Table I. Video Line Driver Performance Summary
Over-
VIN*
VSUPPLY
CC
–3 dB BW
shoot
0 dB or ±500 mV Step
±15
20 pF
23 MHz
4%
0 dB or ±500 mV Step
±15
15 pF
21 MHz
0%
0 dB or ±500 mV Step
±15
0 pF
13 MHz
0%
0 dB or ±500 mV Step
±5
20 pF
18 MHz
2%
0 dB or ±500 mV Step
±5
15 pF
16 MHz
0%
0 dB or ±500 mV Step
±5
0 pF
11 MHz
0%
NOTE
*–3 dB bandwidth numbers are for the 0 dBm signal input. Overshoot numbers
are the percent overshoot of the 1 Volt step input.
A back-termination resistor (RBT, also equal to the characteristic
impedance of the cable) may be placed between the AD827
output and the cable input, in order to damp any reflected
signals caused by a mismatch between RT and the cable’s
characteristic impedance. This will result in a flatter frequency
response, although this requires that the op amp supply ±2 V to
the output in order to achieve a ±1 V swing at resistor RT.
A HIGH SPEED 3 OP AMP INSTRUMENTATION
AMPLIFIER CIRCUIT
The instrumentation amplifier circuit shown in Figure 24 can
provide a range of gains. The chart of Table II details
performance.
–
+
+
–
+
–
1
3
2
2
3
6
7
6
5
AD847
AD827
AD827
0.1µF
1k
Ω
2k
Ω
2k
Ω
1k
Ω
2k
Ω
0.1µF
0.1µF
2k
Ω
RL
2 – 8pF
0.1µF
R
G
4
7
2k
Ω
8
4
TRIM FOR BEST
SETTLING TIME
1/2
1/2
3pF
CIRCUIT GAIN =
+ 1
G
R
2000
TRIM FOR
OPTIMUM
BANDWIDTH
7 – 15 pF
NOTE: PINOUT SHOWN IS FOR MINIDIP PACKAGE
–V
IN
+VS
–V
S
+VIN
+VS
–VS
V
OUT
Figure 24. A High Bandwidth Three Op Amp
Instrumentation Amplifier
Table II. Performance Specifications for the
Three Op Amp Instrumentation Amplifier
Small Signal
Bandwidth
Gain
RG
@ 1 V p-p Output
1
Open
16.1 MHz
2
2 k
14.7 MHz
10
226
Ω
4.9 MHz
100
20
Ω
660 kHz
A TWO-CHIP VOLTAGE-CONTROLLED AMPLIFIER
(VCA) WITH EXPONENTIAL RESPONSE
Voltage-controlled amplifiers are often used as building blocks
in automatic gain control systems. Figure 25 shows a two-chip
VCA built using the AD827 and the AD539, a dual, current-
output multiplier. As configured, the circuit has its two
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CONTROL
W1
Z1
CH1
OUT
BASE
COM
CH2
OUT
Z2
W2
HF COMP
CH 1
IN
CH2
IN
INPUT
COM
OUTPUT
COM
AD539
0.01µF
+
–
AD827
5
6
2
3
+
–
AD827
1/2
0.1µF
0.1µF
4.7
Ω
4.7
Ω
+5V
–5V
1/2
+5V
0.1µF
8
1
–5V
0.1µF
2pF
2pF
4
7
VX
50
Ω
50
Ω
COAX LINE
RT
OUTPUT
INPUT RANGE:
10MV TO 3V (55dB)
*PINOUT SHOWN IS FOR MINI-DIP PACKAGE
*
*
V
IN
–V
S
+VS
8V2
V
AT TERMINATION RESISTOR, R =
T
OUT
C 3
C 4
V
AT PIN & OF AD827 =
OUT
V
X
2
IN
V
4V2
V
X
2
IN
V
Figure 25. A Wide Range Voltage-Controlled
Amplifier Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com