Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD827 Datasheet(PDF) 1 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 1 Page - Analog Devices

  AD827 Datasheet HTML 1Page - Analog Devices AD827 Datasheet HTML 2Page - Analog Devices AD827 Datasheet HTML 3Page - Analog Devices AD827 Datasheet HTML 4Page - Analog Devices AD827 Datasheet HTML 5Page - Analog Devices AD827 Datasheet HTML 6Page - Analog Devices AD827 Datasheet HTML 7Page - Analog Devices AD827 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CONNECTION DIAGRAMS
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Speed, Low Power
Dual Op Amp
AD827
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
HIGH SPEED
50 MHz Unity Gain Stable Operation
300 V/ s Slew Rate
120 ns Settling Time
Drives Unlimited Capacitive Loads
EXCELLENT VIDEO PERFORMANCE
0.04% Differential Gain @ 4.4 MHz
0.19 Differential Phase @ 4.4 MHz
GOOD DC PERFORMANCE
2 mV max Input Offset Voltage
15
V/ C Input Offset Voltage Drift
Available in Tape and Reel in Accordance with
EIA-481A Standard
LOW POWER
Only 10 mA Total Supply Current for Both Amplifiers
5 V to
15 V Supplies
PRODUCT DESCRIPTION
The AD827 is a dual version of Analog Devices’ industry-
standard AD847 op amp. Like the AD847, it provides high
speed, low power performance at low cost. The AD827 achieves
a 300 V/
µs slew rate and 50 MHz unity-gain bandwidth while
consuming only 100 mW when operating from
±5 volt power
supplies. Performance is specified for operation using
±5 V to
±15 V power supplies.
The AD827 offers an open-loop gain of 3,500 V/V into 500
Ω
loads. It also features a low input voltage noise of 15 nV/
√Hz,
and a low input offset voltage of 2 mV maximum. Common-
mode rejection ratio is a minimum of 80 dB. Power supply
rejection ratio is maintained at better than 20 dB with input
frequencies as high as 1 MHz, thus minimizing noise
feedthrough from switching power supplies.
The AD827 is also ideal for use in demanding video applica-
tions, driving coaxial cables with less than 0.04% differential
gain and 0.19
° differential phase errors for 643 mV p-p into a
75
Ω reverse terminated cable.
The AD827 is also useful in multichannel, high speed data
conversion systems where its fast (120 ns to 0.1%) settling time
is of importance. In such applications, the AD827 serves as an
input buffer for 8-bit to 10-bit A/D converters and as an output
amplifier for high speed D/A converters.
APPLICATION HIGHLIGHTS
1. Performance is fully specified for operation using
±5 V to
±15 V supplies.
2. A 0.04% differential gain and 0.19
° differential phase error at
the 4.4 MHz color subcarrier frequency, together with its low
cost, make it ideal for many video applications.
3. The AD827 can drive unlimited capacitive loads, while its
30 mA output current allows 50
Ω and 75 Ω reverse-
terminated loads to be driven.
4. The AD827’s 50 MHz unity-gain bandwidth makes it an
ideal candidate for multistage active filters.
5. The AD827 is available in 8-pin plastic mini-DIP and cerdip,
20-pin LCC, and 16-pin SOIC packages. Chips and MIL-
STD-883B processing are also available.
8-Pin Plastic (N) and Cerdip
(Q) Packages
16-Pin Small Outline
(R) Package
20-Pin LCC (E) Package


Similar Part No. - AD827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD827 AD-AD827 Datasheet
214Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827 Datasheet
247Kb / 13P
High Speed, Low Power Dual Op Amp
29-Nov-2017
AD8270 AD-AD8270 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8270 AD-AD8270 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8270 AD-AD8270 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
More results

Similar Description - AD827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV.F
AD827 AD-AD827_02 Datasheet
214Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD827 AD-AD827_15 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
Dual High Speed, Low Noise Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
High Speed, Low Power Dual Op Amp
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com