Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD827 Datasheet(PDF) 8 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 8 Page - Analog Devices

  AD827 Datasheet HTML 1Page - Analog Devices AD827 Datasheet HTML 2Page - Analog Devices AD827 Datasheet HTML 3Page - Analog Devices AD827 Datasheet HTML 4Page - Analog Devices AD827 Datasheet HTML 5Page - Analog Devices AD827 Datasheet HTML 6Page - Analog Devices AD827 Datasheet HTML 7Page - Analog Devices AD827 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD827
REV. B
–8–
multipliers connected in series. They could also be placed in
parallel with an increase in bandwidth and a reduction in gain.
The gain of the circuit is controlled by VX, which can range
from 0 to 3 V dc. Measurements show that this circuit easily
supplies 2 V p-p into a 100
Ω load while operating from ±5 V
supplies. The overall bandwidth of the circuit is approximately
7 MHz with 0.5 dB of peaking.
Each half of the AD827 serves as an I/V converter and converts
the output current of one of the two multipliers in the AD539
into an output voltage. Each of the AD539’s two multipliers
contains two internal 6 k
Ω feedback resistors; one is connected
between the CH1 output and Z1, the other between the CH1
output and W1. Likewise, in the CH2 multiplier, one of the
feedback resistors is connected between CH2 and Z2 and the
other is connected between CH2 and Z2. In Figure 25, Z1 and
W1 are tied together, as are Z2 and W2, providing a 3 k
Ω
feedback resistor for the op amp. The 2 pF capacitors connected
between the AD539’s W1 and CH1 and W2 and CH2 pins are
in parallel with the feedback resistors and thus reduce peaking
in the VCA’s frequency response. Increasing the values of C3
and C4 can further reduce the peaking at the expense of
reduced bandwidth. The 1.25 mA full-scale output current of
the AD539 and the 3 k
Ω feedback resistor set the full-scale
output voltage of each multiplier at 3.25 V p-p.
Current limiting in the AD827 (typically 30 mA) limits the out-
put voltage in this application to about 3 V p-p across a 100
Ω
load. Driving a 50
Ω reverse-terminated load divides this value
by two, limiting the maximum signal delivered to a 50
Ω load to
about 1.5 V p-p, which suffices for video signal levels. The
dynamic range of this circuit is approximately 55 dB and is
primarily limited by feedthrough at low input levels and by the
maximum output voltage at high levels.
Guidelines for Grounding and Bypassing
When designing practical high frequency circuits using the
AD827, some special precautions are in order. Both short
interconnection leads and a large ground plane are needed
whenever possible to provide low resistance, low inductance
circuit paths. One should remember to minimize the effects of
capacitive coupling between circuits. Furthermore, IC sockets
should be avoided. Feedback resistors should be of a low
enough value that the time constant formed with stray circuit
capacitances at the amplifier summing junction will not limit
circuit performance. As a rule of thumb, use feedback resistor
values that are less than 5 k
Ω. If a larger resistor value is
necessary, a small (<10 pF) feedback capacitor in parallel with
the feedback resistor may be used. The use of 0.1
µF ceramic
disc capacitors is recommended for bypassing the op amp’s
power supply leads.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Mini-DIP (N) Package
16-Pin SOIC (R) Package
8-Pin Cerdip (Q) Package
20-Terminal Leadless Ceramic Chip Carrier
(E-20A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com