Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD827 Datasheet(PDF) 3 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 3 Page - Analog Devices

  AD827 Datasheet HTML 1Page - Analog Devices AD827 Datasheet HTML 2Page - Analog Devices AD827 Datasheet HTML 3Page - Analog Devices AD827 Datasheet HTML 4Page - Analog Devices AD827 Datasheet HTML 5Page - Analog Devices AD827 Datasheet HTML 6Page - Analog Devices AD827 Datasheet HTML 7Page - Analog Devices AD827 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD827J
AD827A/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT RESISTANCE
Open Loop
15
15
Ω
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
±5 V
1013
1013
mA
TMIN to TMAX
16
16.5/17.5
mA
±15 V
10.5
13.5
10.5
13.5
mA
TMIN to TMAX
16.5
17/18
mA
TRANSISTOR COUNT
92
92
NOTES
1Offset voltage for the AD827 is guaranteed after power is applied and the device is fully warmed up. All other specifications are measured using high speed test equip-
ment, approximately 1 second after power is applied.
2Full Power Bandwidth = Slew Rate/2
π V
PEAK.
3Gain = +1, rising edge.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) Package (Derate at 10 mW/
°C) . . . . . . . . 1.5 W
Cerdip (Q) Package (Derate at 8.7 mW/
°C) . . . . . . . . 1.3 W
Small Outline (R) Package (Derate at 10 mW/
°C) . . . 1.5 W
LCC (E) Package (Derate at 6.7 mW/
°C) . . . . . . . . . 1.0 W
Input Common Mode Voltage . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Output Short Circuit Duration3 . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD827J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD827A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD827S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range
(Soldering to 60 sec) . . . . . . . . . . . . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability.
2Maximum internal power dissipation is specified so that T
J does not exceed
+175
°C at an ambient temperature of +25°C.
Thermal Characteristics:
Mini-DIP:
θ
JA = 100
°C/Watt; θ
JC = 33
°C/ Watt
Cerdip:
θ
JA = 110
°C/Watt; θ
JC = 30
°C/Watt
16-Pin Small Outline Package:
θ
JA = 100
°C/Watt
20-Pin LCC:
θ
JA = 150
°C/Watt; θ
JC = 35
°C/Watt
3Indefinite short circuit duration is only permissible as long as the absolute
maximum power rating is not exceeded.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD827JN
0
°C to +70°C
8-Pin Plastic DIP N-8
AD827JR
0
°C to +70°C
16-Pin Plastic SO R-16
AD827AQ
–40
°C to +85°C
8-Pin Cerdip
Q-8
AD827SQ
–55
°C to +125°C 8-Pin Cerdip
Q-8
AD827SQ/883B
–55
°C to +125°C 8-Pin Cerdip
Q-8
5962-9211701MPA –55
°C to +125°C 8-Pin Cerdip
Q-8
AD827SE/883B
–55
°C to +125°C 20-Pin LCC
E-20A
5962-9211701M2A –55
°C to +125°C 20-Pin LCC
E-20A
AD827JR-REEL
0
°C to +70°C
Tape & Reel
AD827JChips
0
°C to +70°C
Die
AD827SChips
–55
°C to +125°C Die
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
Substrate is connected to V+.
AD827
REV. B
–3–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com