Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD827 Datasheet(PDF) 4 Page - Analog Devices

Part # AD827
Description  High Speed, Low Power Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD827 Datasheet(HTML) 4 Page - Analog Devices

  AD827 Datasheet HTML 1Page - Analog Devices AD827 Datasheet HTML 2Page - Analog Devices AD827 Datasheet HTML 3Page - Analog Devices AD827 Datasheet HTML 4Page - Analog Devices AD827 Datasheet HTML 5Page - Analog Devices AD827 Datasheet HTML 6Page - Analog Devices AD827 Datasheet HTML 7Page - Analog Devices AD827 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD827
REV. B
–4–
20
15
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE
± Volts
+VIN
–VIN
Figure 1. Input Common-Mode Range
vs. Supply Voltage
Figure 4. Quiescent Current vs.
Supply Voltage
14
12
10
8
0
–60
0
40
100
140
TEMPERATURE –
°C
–40
–20
20
60
80
120
VS = ±15V
VS = ±5V
Figure 7. Quiescent Current vs.
Temperature
–Typical Characteristics (@ +25 C & 15 V, unless otherwise noted)
RLOAD = 1kΩ
20
15
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE
± Volts
+VOUT
–VOUT
Figure 2. Output Voltage Swing vs.
Supply Voltage
Figure 5. Input Bias Current vs.
Temperature
Figure 8. Short-Circuit Current
Limit vs. Temperature
Figure 3. Output Voltage Swing vs.
Load Resistance
Figure 6. Closed-Loop Output
Impedance vs. Frequency, Gain = +1
Figure 9. Gain Bandwidth vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com