Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 5 Page - Analog Devices

  AD8321 Datasheet HTML 1Page - Analog Devices AD8321 Datasheet HTML 2Page - Analog Devices AD8321 Datasheet HTML 3Page - Analog Devices AD8321 Datasheet HTML 4Page - Analog Devices AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Typical Performance Characteristics–AD8321
–5–
REV. 0
GAIN CONTROL – Decimal
–1.2
08
16
24
32
40
48
56
64
72
–0.9
–0.3
0
0.3
0.6
f = 65MHz
f = 10MHz
f = 42MHz
–0.6
Figure 4. Gain Error vs. Gain Control
FREQUENCY – MHz
1
10
100
10
20
30
40
50
60
70
PD = 1
MAX GAIN
(71D)
MIN GAIN
(00D)
Figure 7. Output Referred Noise vs.
Frequency
FUNDAMENTAL FREQUENCY – MHz
5
15
25
45
55
65
–59
–56
–53
–50
–47
35
PIN = –14dBm
(POUT = 12dBm @
MAX GAIN)
PIN = –13dBm
(POUT = 13dBm @
MAX GAIN)
PIN = –15dBm
(POUT = 11dBm @
MAX GAIN)
PIN = –17dBm
(POUT = 9dBm @
MAX GAIN)
Figure 10. Third Order Harmonic
Distortion vs. Frequency for Various
Input Levels
GAIN CONTROL – Decimal
10
08
16
24
32
40
48
56
64
72
f = 10MHz
PD =1
20
30
40
50
60
70
Figure 6. Output Referred Noise vs.
Gain Control
FUNDAMENTAL FREQUENCY – MHz
5
15
25
45
55
65
–59
–56
–53
–50
–47
35
PIN = –14dBm
(POUT = 12dBm @
MAX GAIN)
PIN = –13dBm
(POUT = 13dBm @
MAX GAIN)
PIN = –15dBm
(POUT = 11dBm @
MAX GAIN)
PIN = –17dBm
(POUT = 9dBm @
MAX GAIN)
Figure 9. Second Order Harmonic
Distortion vs. Frequency for Various
Input Levels
FREQUENCY – MHz
5
22
23
24
25
27
PO = 11dBm
MAX GAIN
26
15
25
35
45
55
28
29
30
65
Figure 12. Third Order Intercept vs.
Frequency
FREQUENCY – MHz
–40
0.1
–30
–20
–10
0
10
20
30
1
10
100
1000
46D
23D
00D
71D
Figure 5. AC Response
GAIN CONTROL – Decimal
08
16
fO = 65MHz
VIN = 0.137V p-p
(PIN = –15dBm)
(POUT = 11dBm @
MAX GAIN)
24
40
48
56
64
72
–80
–70
–60
–50
–40
–30
HD3
HD2
32
Figure 8. Harmonic Distortion vs.
Gain Control
FREQUENCY – MHz
41.0
–80
–60
–40
–20
20
PO = 11dBm
MAX GAIN
0
41.4
41.8
42.2
42.6
43.0
Figure 11. Two-Tone Intermodula-
tion Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com