Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 1 Page - Analog Devices

  AD8321 Datasheet HTML 1Page - Analog Devices AD8321 Datasheet HTML 2Page - Analog Devices AD8321 Datasheet HTML 3Page - Analog Devices AD8321 Datasheet HTML 4Page - Analog Devices AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8321
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Gain Programmable
CATV Line Driver
FEATURES
Linear in dB Gain Response Over >53 dB Range
Drives Low Distortion >11 dBm Signal into 75
Load:
–53 dBc SFDR at 42 MHz
Very Low Output Noise Level
Maintains Constant 75
Output Impedance
Power-Up and Power-Down Condition
No Line Transformer Required
Upper Bandwidth: 235 MHz (Min Gain)
9 V Single Supply Operation
Power-Down Functionality
Supports SPI Interface
Low Cost
APPLICATIONS
Gain Programmable Line Driver
HFC High Speed Data Modems
Interactive CATV Set-Top Boxes
CATV Plant Test Equipment
General Purpose IF Variable Gain Block
DESCRIPTION
The AD8321 is a low cost digitally controlled variable gain
amplifier optimized for coaxial line driving applications such as
cable modems that are designed to the DOCSIS* (upstream)
standard. An 8-bit serial word determines the desired output
gain over a 53.4 dB range, resulting in gain changes of 0.75 dB/
LSB.
The AD8321 comprises a digitally controlled variable attenuator
of 0 dB to –53.4 dB, which is preceded by a low noise, fixed
gain buffer and followed by a low distortion high power ampli-
fier. The AD8321 accepts a differential or single-ended input
signal. The output is specified for driving a 75
Ω load, such as
coaxial cable, although the AD8321 is capable of driving other
loads. Performance of –53 dBc is achieved with an output level
up to 11 dBm at 42 MHz bandwidth using a 9 V supply.
A key performance and cost advantage of the AD8321 results
from the ability to maintain a constant 75
Ω output impedance
during power-up and power-down conditions. This eliminates
the need for external 75
Ω termination, resulting in twice the
effective output voltage when compared to a standard opera-
tional amplifier, thus eliminating the need for a transformer.
*Data-Over-Cable Service Interface Specifications
FUNCTIONAL BLOCK DIAGRAM
AD8321
POWER-
DOWN/
SWITCH
INTER
ATTENUATOR CORE
INV
DATA SHIFT REGISTER
DATA SHIFT REGISTER
DATA LATCH
PWR
AMP
DATEN CLK
VIN+
VIN–
PD
VOUT
REVERSE
AMP
GND
VCC
SDATA
The AD8321 is packaged in a low cost 20-lead SOIC, operates
from a single +9 V supply, and has an operational temperature
range of –40
°C to +85°C.
GAIN CONTROL – Decimal
–90
0
8
16
24
32
40
48
56
64
72
–80
–70
–60
–50
–40
fO = 42MHz
VIN = 137mV p-p
(PIN = –15dBm)
(POUT = 11dBm @
MAX GAIN)
HD3
HD2
Figure 1. Harmonic Distortion vs. Gain Control


Similar Part No. - AD8321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321 AD-AD8321 Datasheet
721Kb / 20P
Gain Programmablea CATV Line Driver
6/05-Data Sheet Changed from REV. 0 to REV. A.
AD8321 AD-AD8321 Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8321-EVAL AD-AD8321-EVAL Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8321AR AD-AD8321AR Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8321AR-REEL AD-AD8321AR-REEL Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
More results

Similar Description - AD8321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326 Datasheet
475Kb / 24P
High Output Power Programmable CATV Line Driver
71-Dec-2026
AD8321 AD-AD8321_05 Datasheet
721Kb / 20P
Gain Programmablea CATV Line Driver
6/05-Data Sheet Changed from REV. 0 to REV. A.
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV612 TI-DRV612 Datasheet
660Kb / 23P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
logo
Analog Devices
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
logo
TriQuint Semiconductor
TGA2803-SM TRIQUINT-TGA2803-SM_15 Datasheet
574Kb / 14P
CATV TIA Gain Block
logo
Texas Instruments
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com