Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 2 Page - Analog Devices

  AD8321 Datasheet HTML 1Page - Analog Devices AD8321 Datasheet HTML 2Page - Analog Devices AD8321 Datasheet HTML 3Page - Analog Devices AD8321 Datasheet HTML 4Page - Analog Devices AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
–2–
REV. 0
AD8321–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Specified AC Voltage
Output = 11 dBm, Max Gain
0.137
V p-p
Noise Figure
Max Gain, f = 10 MHz
15
dB
Input Resistance
Single-Ended Input
820
Ω
Differential Input
900
Ω
Input Capacitance
2.0
pF
GAIN CONTROL INTERFACE
Gain Range
52.4
53.4
54.4
dB
Maximum Gain
25.25
26
26.75
dB
Minimum Gain
–28.15 –27.4
–26.4
dB
Gain Scaling Factor
0.7526
dB/LSB
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes
120
MHz
Bandwidth Roll-Off
f = 65 MHz
0.8
dB
Bandwidth Peaking
f = 65 MHz
0
dB
Output Offset Voltage
All Gain Codes, Full Temperature Range
±30
mV
Output Noise Spectral Density
Max Gain, f = 10 MHz
60
nV/
√Hz
Min Gain, f = 10 MHz
20
nV/
√Hz
Output Noise Temperature Sensitivity 0
≤ T
A ≤ +70°C, Min Gain
0.02
nV/
√Hz/°C
Power-Down Spectral Density
1
nV/
√Hz
1 dB Compression Point
Max Gain, f = 10 MHz
+19.5
dBm
Output Impedance
Power-Up and Power-Down
60
75
90
Ω
OVERALL PERFORMANCE
Worst Harmonic Distortion
f = 42 MHz, POUT = 11 dBm, VCC = +9 V
–53
dBc
f = 65 MHz, POUT = 11 dBm, VCC = +9 V
–51
dBc
Distortion Temperature Sensitivity
–40
°C ≤ T
A
≤ +85°C
0.03
dBc/
°C
Gain Accuracy
f = 10 MHz, All Gain Codes
±0.2
dB
Gain Temperature Sensitivity
0
≤ T
A
≤ +70°C
0.004
dB/
°C
Output Settling to 1 mV
Gain Change @ TDATEN = 1
Min to Max Gain, VIN = 0 V
60
ns
Input Change
Max Gain, VIN = 0.15 V Step
30
ns
Signal Feedthrough
Power Down, 65 MHz, Min Gain
–80
dBc
VIN = 0.137 V p-p
POWER CONTROL
Power-Down Settling Time to 1 mV
Max Gain, VIN = 0
40
ns
Power-Up Settling Time to 1 mV
Max Gain, VIN = 0
300
ns
Power-Up/Down Pedestal Offset
Max Gain, VIN = 0
±30
mV
Power-Up/Down Glitch
Max Gain, VIN = 0
40
mV p-p
POWER SUPPLY
Quiescent Current
Power-Up, VCC = +9 V
82
90
97
mA
Power-Down, VCC = +9 V
45
52
60
mA
Specifications subject to change without notice.
(@ VCC = +9 V, TA = +25 C, VIN = 0.137 V p-p, single-ended input, RL = 75
, RIN =
75
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com