Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices AD8321 Datasheet HTML 10Page - Analog Devices AD8321 Datasheet HTML 11Page - Analog Devices AD8321 Datasheet HTML 12Page - Analog Devices AD8321 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AD8321
–9–
REV. 0
Basic Connection
Figure 25 shows the basic schematic for operating the AD8321
in single-ended inverting mode. To operate in inverting mode,
connect the input signal through an ac coupling capacitor to
VIN–; VIN+ should be decoupled to ground with a 0.1
µF
capacitor. Because the amplifier operates from a single supply,
and the differential input pins are biased to approximately
VCC/2, the differential inputs must be ac-coupled using 0.1
µF
capacitors. For operation in the noninverting mode, the VIN–
pin should be decoupled to ground via a 0.1
µF capacitor, with
the input signal being fed to the AD8321 through the (ac-coupled)
VIN+ pin. Inverting mode should be chosen if the AD8321 is
being used as a drop-in replacement for the AD8320 (the
AD8321 predecessor). Balanced differential inputs to the
AD8321 may also be applied at an amplitude that is one-half
the specified single-ended input amplitude. See the Differential
Inputs section for more on this mode of operation.
Power Supply and Decoupling
The AD8321 should be powered with a good quality (i.e., low
noise) single supply of 9 V. Although the AD8321 circuit will
function at voltages lower than 9 V, optimum performance will
not be achieved at lower supply settings. Careful attention must
be paid to decoupling the power supply pins. A 10
µF capacitor
located in near proximity to the AD8321 is required to provide
good decoupling for lower frequency signals. In addition, and
more importantly, five 0.1
µF decoupling capacitors should be
located close to each of the five power supply pins (7, 8, 9, 17
and 20). A 0.1
µF capacitor must also be connected to the pins
labeled BYP1 and BYP2 (Pins 5 and 14) to provide decoupling
to internal nodes of the device. All six ground pins should be
connected to a common low impedance ground plane.
Input Bias, Impedance and Termination
On the input side, the VIN+ and VIN– have a dc bias level
equal to (VCC/2)–0.2 V. The input signal must therefore be ac-
coupled before being applied to either input pin. The input
impedance, when operated in single-ended mode is roughly
820
Ω (900 Ω in differential mode). An external shunt resis-
tance (R1) to ground of 82.5
Ω is required to create a single-
ended input impedance of close to 75
Ω. If single-ended 50 Ω
termination is required, a 53.6
Ω shunt resistor may be used.
Differential input operation may be achieved by using a shunt
resistor of 41
Ω to ground on each of the inputs, or 82.6 Ω
across the inputs resulting in a differential input impedance of
approximately 75
Ω. Note: to avoid dc loading of either the
VIN+ or VIN– pin, the ac-coupling capacitor must be placed
between the input pin(s) and the shunt resistor(s). Refer to the
Differential Inputs section for more details on this mode of
operation.
Output Bias, Impedance and Termination
On the output side, the VOUT pin is also dc-biased to VCC/2 or
midway between the supply voltage and ground. The output
signal must therefore be ac-coupled before being applied to the
load. The dc-bias voltage is available on the BYP1 and BYP2
pins (Pins 5 and 14 respectively) and can be used in dc-biasing
schemes. These nodes must be decoupled to ground using a
0.1
µF capacitor as shown in Figure 25. If the BYP1 and/or
BYP2 voltages are used externally, they should be buffered.
External back termination resistors are not required when using
the AD8321. The output impedance of the AD8321 is 75
Ω and
is maintained dynamically. This on chip back termination is
maintained regardless of whether the amplifier is in forward
transmit mode or reverse powered down mode. If the output
signal is being evaluated on 50
Ω test equipment such as a spec-
trum analyzer, a 75
Ω to 50 Ω adapter (commonly called a mini-
mum loss pad) should be used to maintain a properly matched
circuit.
ATTENUATOR
CORE
DATA SHIFT
REGISTER
DATA LATCH
AD8321
POWER-
DOWN/
SWITCH
INTER
DATEN
CLK
VIN+
VIN–
PD
VOUT
SDATA
VCC
VCC
C8
0.1 F
VCC
C9
0.1 F
VCC
C10
0.1 F
VCC
C11
0.1 F
BYP1
C5
0.1 F
C2
0.1 F
C1
0.1 F
R1
82.5
INPUT
DATEN
CLK
GND
GND
GND
GND
GND
SDATA
C4
0.1 F
TO
DIPLEXER
RIN = 75
BYP2
VCC
+9V
Ce
0.1 F
C6
10 F
C7
0.1 F
Figure 25. Basic Connection for Single-Ended Inverting Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com