Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8321 Datasheet HTML 11Page - Analog Devices AD8321 Datasheet HTML 12Page - Analog Devices AD8321 Datasheet HTML 13Page - Analog Devices AD8321 Datasheet HTML 14Page - Analog Devices AD8321 Datasheet HTML 15Page - Analog Devices AD8321 Datasheet HTML 16Page - Analog Devices AD8321 Datasheet HTML 17Page - Analog Devices AD8321 Datasheet HTML 18Page - Analog Devices AD8321 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AD8321
–18–
REV. 0
EVALUATION BOARD BILL OF MATERIALS
AD8321 Evaluation Board Rev. B SINGLE- ENDED INVERTING INPUT March 17, 1999
Qty.
Description
Vendor
Ref Desc.
210
µF 16 V. 1350 size tantalum chip capacitor
ADS# 4-7-6
C6 & C14
14
0.1
µF 50 V. 1206 size ceramic chip capacitor
ADS# 4-5-18
C1–C5, C7–C11, Cb–e
3
1,000 pF 50 V. 1206 size ceramic chip capacitor
ADS# 4-5-20
C12, C16 & C17
1
82.5
Ω 1% 1/8 W. 1206 size chip resistor
D -K # P 82.5 FCT-ND
R1
30
Ω 5% 1/8 W. 1206 size chip resistor
ADS# 3-18- 88
R2 & R6, Ca
2
1.00 k
Ω 1% 1/8 W. 1206 size chip resistor
ADS# 3-18-11
R8 & 9
1
75.0
Ω 1% 1/8 W. 1206 size chip resistor
ADS# 3-18-145
Rb
2
649
Ω 1% 1/8 W. 1206 size chip resistor
D -K # P 649 FCT-ND
Rc & Re
1
10.0 k
Ω 1% 1/8 W. 1206 size chip resistor
ADS# 3-18-119
Rf
1
17.4
Ω 1% 1/8 W. 1206 size chip resistor
D -K # P17.4 FCT-ND
Rd
1
Alpha # AS 128-73 GaAs Hi Linearity switch
Alpha # AS 128-73
SWb
2
Pink Test Point
ADS# 12-18-63
TPc & TPd
1
Blue Test Point [Vct]
ADS# 12-18-62
TP14
6
Grey Test Point [Bus lines]
ADS# 12-18-64
TP6–TP9, TP12 & TP13
2
Yellow Test Point [INPUTS]
ADS# 12-18-32
TP1 & TP2
3
Orange Test Point [OUTPUTS]
ADS# 12-18-60
TPa, TPb & TPe
1
Red Test Point [DUT VCC]
ADS# 12-18-43
TP4
2
Black Test Point [GND]
ADS# 12-18-44
TP5 & TP15
2
2 pin .1 inch ctr. shunt Berg # 65474 - 001
ADS# 11-2-38
J3 & Jb
5
2 pin .1 inch ctr. male Header Berg # 69157 - 102
ADS# 11-2-37
J3, Ja, Jb, Jc, Jd
2
75
Ω right-angle BNC Telegartner # J01003A1949
Comp. Mktg. Services
INPUTS, OUTPUT
1
Conn. 36 pin Centronics Right Angle
ADS# 12-3-50
P1
4
5-way Metal Binding Post
ADS# 12-7-7
DUT VCC, GND, Vct
1
AD8321 AR
ADS# AD8321AR
D.U.T.
1
AD8321 REV. B Evaluation PC board
E.M.C.
Evaluation PC board
4
#4 - 40
× 1/4 inch ss panhead machine screw
ADS# 30-1-1
4
#4 - 40
× 3/4 inch long aluminum round stand-off
ADS# 30-16-3
2
# 2 - 56
× 3/8 inch ss panhead machine screw
ADS# 30-1-17
(p1 hardware)
2
# 2 steel flat washer
ADS# 30-6-6
(p1 hardware)
2
# 2 steel internal tooth lockwasher
ADS# 30-5-2
(p1 hardware)
2
# 2 ss hex. machine nut
ADS# 30-7-6
(p1 hardware)
Optional Components J1, J2, J4, R3, Ra, SWa, T1, +VIN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com