Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8321
Description  Gain Programmable CATV Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8321 Datasheet HTML 2Page - Analog Devices AD8321 Datasheet HTML 3Page - Analog Devices AD8321 Datasheet HTML 4Page - Analog Devices AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices AD8321 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD8321
–6–
REV. 0
FREQUENCY – MHz
1
10
100
14
18
22
26
30
34
MAX GAIN
PO = 11dBm
CL = 10pF
CL = 0pF
CL = 20pF
CL = 50pF
Figure 13. AC Response for Various
Capacitor Loads
5V
150ns
VIN = 0V p-p
MAX GAIN
tr(CLK) = 3ns
7.5mV
VOUT
DATEN
CLK
Figure 16. Clock Feedthrough
1.5V
30ns
MAX GAIN
0.5V
VOUT
VIN
Figure 19. Overload Recovery
5V
75ns
MAX GAIN
VIN = 0V p-p
15mV
PD
VOUT
Figure 15. Power Up/Power Down
Glitch
0.75V
30ns
MAX GAIN
VIN = 0V p-p – 0.137V p-p
200mV
VIN
VOUT
Figure 18. Output Settling Time Due
to Input Change
TEMPERATURE – C
40
–50
50
75
100
PD = 0
50
60
70
80
90
100
PD =1
–25
0
25
Figure 21. Supply Current vs.
Temperature
5V
75ns
MIN GAIN
VIN = 0V p-p
5mV
PD
VOUT
Figure 14. Power Up/Power Down
Glitch
FREQUENCY – MHz
–100
0.1
–80
–60
0
1
10
100
1000
–40
–20
PD = 0
MAX GAIN
MIN GAIN
Figure 17. Input Signal Feedthrough
vs. Frequency
FREQUENCY – MHz
1
10
100
60
65
70
75
80
85
90
PD = 1
PD = 0
Figure 20. Output Impedance vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com