Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9040
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9040 Datasheet HTML 2Page - Analog Devices AD9040 Datasheet HTML 3Page - Analog Devices AD9040 Datasheet HTML 4Page - Analog Devices AD9040 Datasheet HTML 5Page - Analog Devices AD9040 Datasheet HTML 6Page - Analog Devices AD9040 Datasheet HTML 7Page - Analog Devices AD9040 Datasheet HTML 8Page - Analog Devices AD9040 Datasheet HTML 9Page - Analog Devices AD9040 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9040A
REV. B
–6–
THEORY OF OPERATION
Refer to the block diagram.
The AD9040A employs subranging architecture and digital error
correction. This combination of design techniques insures true
10-bit accuracy at the digital outputs of the converter.
At the input, the analog signal is applied to a track-and-hold
(T/H) that holds the analog value which is present when the
unit is strobed with an ENCODE command. The conversion
process begins on the rising edge of this pulse, which should
have a 50% (
±10%) duty cycle. Minimum encode rate of the
AD9040A is 10 MSPS because of the use of three internal T/H
devices.
The held analog value of the first track-and-hold is applied to a
5-bit flash converter and a pair of internal T/Hs (shown in the
block diagram as a single unit). The T/Hs pipeline the analog
signal to the amplifier array through a residue ladder and switch-
ing circuit while the 5-bit flash converter resolves the most
significant bits (MSBs) of the held analog voltage.
When the 5-bit flash converter has completed its cycle, its out-
put activates 1-of-32 ladder switches; these, in turn, cause the
correct residue signal to be applied to the error amplifier array.
The output of the error amplifier is applied to a 6-bit flash con-
verter whose output supplies the five least significant bits (LSBs)
of the digital output along with one bit of error correction for
the 5-bit main range converter.
Decode logic aligns the data from the two converters and pre-
sents the result as a 10-bit parallel digital word. The output
stage of the AD9040A is CMOS. Output data are strobed on
the trailing edge of the ENCODE command.
Full-scale range of the AD9040A is determined by the reference
voltage applied to the VRFF (Pin 6) input. This voltage sets the
internal flash and residue ladder voltage drops; these establish
the value of the LSB. Because of headroom restraints, the full-
scale range cannot be increased by applying a higher-than
specified reference voltage. Conversely, a lower reference volt-
age will reduce the full-scale range of the converter, but will also
decrease its performance. An internal bandgap reference voltage
of +2.5 V is provided to assure optimum performance over the
operating temperature range.
USING THE AD9040A
Timing
The duty cycle of the encode clock for the AD9040A is critical
for obtaining rated performance of the ADC. Internal pulse
widths within the track-and-hold are established by the encode
command pulse width; to ensure rated performance, the duty
cycle should be held at 50%. Duty cycle variations of less than
±10% will cause no degradation in performance.
Operation at encode rates less than 10 MSPS is not recom-
mended. The internal track-and-hold saturates, causing errone-
ous conversions. This T/H saturation precludes clocking the
AD9040A in burst mode. The 50% duty cycle must be main-
tained even for sample rates down to 10 MSPS.
The AD9040A provides latched data outputs, with 2 1/2 pipe-
line delays. Data outputs are available one propagation delay
(tPD) after the falling edge of the encode command (refer to
AD9040A Timing Diagram). The length of the output data
lines and the loads placed on them should be minimized to
reduce transients within the AD9040A; these transients can
detract from the converter’s dynamic performance.
Voltage Reference
A stable voltage reference is required to establish the 2-V p-p
range of the AD9040A. There are two options for creating this
reference. The easiest and least expensive way to implement it is
to use the (+2.5 V) bandgap voltage reference which is internal
to the ADC. Figure 3 illustrates the connections for using the
internal reference. The internal reference has 500
µA of extra
drive current which can be used for other circuits.
REF
AMP
BANDGAP
REFERENCE
REFERENCE
+2.5V
AD9040A
0.1 F
VOUT
VREF
–VS
BPREF
Figure 3. Using Internal Reference
Some applications may require greater accuracy, improved
temperature performance, or adjustment of the gain (input
range) of the AD9040A which cannot be obtained by using the
internal reference. For these applications, an external +2.5 V
reference can be used, as shown in Figure 4. The VREF input
requires 5
µA of drive current.
REF
AMP
BANDGAP
REFERENCE
REFERENCE
AD9040A
0.1 F
VOUT
VREF
–VS
BPREF
REFERENCE
0.1 F
Figure 4. Using External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com