Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9040
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040 Datasheet(HTML) 1 Page - Analog Devices

  AD9040 Datasheet HTML 1Page - Analog Devices AD9040 Datasheet HTML 2Page - Analog Devices AD9040 Datasheet HTML 3Page - Analog Devices AD9040 Datasheet HTML 4Page - Analog Devices AD9040 Datasheet HTML 5Page - Analog Devices AD9040 Datasheet HTML 6Page - Analog Devices AD9040 Datasheet HTML 7Page - Analog Devices AD9040 Datasheet HTML 8Page - Analog Devices AD9040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
10-Bit 40 MSPS
A/D Converter
AD9040A
FEATURES
Low Power: 940 mW
53 dB SNR @ 10 MHz AIN
On-Chip T/H, Reference
CMOS-Compatible
2 V p-p Analog Input
Fully Characterized Dynamic Performance
APPLICATIONS
Ultrasound Medical Imaging
Digital Oscilloscopes
Professional Video
Digital Communications
Advanced Television (MUSE Decoders)
Instrumentation
GENERAL DESCRIPTION
The AD9040A is a complete 10-bit monolithic sampling analog-
to-digital converter (ADC) with on-board track-and-hold and
reference. The unit is designed for low cost, high performance
applications and requires only an encode signal to achieve
40 MSPS sample rates with 10-bit resolution.
Digital inputs and outputs are CMOS compatible; the analog
input requires a signal of 2 V p-p amplitude. The two-step
architecture used in the AD9040A is optimized to provide the
best dynamic performance available while maintaining low
power requirements of only 940 mW typically; maximum dissi-
pation is 1.1 watt at 40 MSPS.
The signal-to-noise ratio (SNR), including harmonics, is 53 dB,
or 8.5 ENOB, when sampling an analog input of 10.3 MHz at
40 MSPS. Competitive devices perform at less than 7.5 ENOB
and require external references and larger input signals.
The AD9040A A/D converter is available as either a 28-lead
plastic DIP or a 28-lead SOIC. The two models operate over a
commercial temperature range of 0
°C to +70°C. Contact the
factory regarding availability of ceramic military temperature
range devices.
FUNCTIONAL BLOCK DIAGRAM
ERROR
CORRECTION
AD9040A
10
BANDGAP
REFERENCE
6-BIT
ADC
5-BIT
ADC
T/H
T/H
DECODE
LOGIC
DECODE
LOGIC
ENCODE
AIN
GND
VOUT
VREF
BPREF
AMP
ARRAY
REF
AMP
PRODUCT HIGHLIGHTS
1. CMOS compatible logic for direct interface to ASICs.
2. On-board T/H provides excellent high frequency perfor-
mance on analog inputs, critical for communications and
medical imaging applications.
3. High input impedance and 2 volt p-p input range reduce
need for external amplifiers.
4. Easy to use; no cumbersome external voltage references
required, allowing denser packing of ADCs for multichannel
applications.
5. Available in 28-lead plastic DIP and SOIC packages.
6. Evaluation board includes AD9040AJR, reconstruction
DAC, and latches. Space is available near the analog input
and digital outputs of the converter for additional circuits.
Order as part number AD9040A/PCB (schematic shown in
data sheet).
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD9040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
10-Bit 40 MSPS A/D Converter
REV. D
More results

Similar Description - AD9040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
10-bit, 40 MSPS 160mW A/D Converter
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
10-Bit 40 MSPS A/D Converter
REV. D
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com