Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9040
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040 Datasheet(HTML) 4 Page - Analog Devices

  AD9040 Datasheet HTML 1Page - Analog Devices AD9040 Datasheet HTML 2Page - Analog Devices AD9040 Datasheet HTML 3Page - Analog Devices AD9040 Datasheet HTML 4Page - Analog Devices AD9040 Datasheet HTML 5Page - Analog Devices AD9040 Datasheet HTML 6Page - Analog Devices AD9040 Datasheet HTML 7Page - Analog Devices AD9040 Datasheet HTML 8Page - Analog Devices AD9040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9040A
REV. B
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1, 12, 21
–VS
5 V Power Supply
2, 4, 11, 14, 22
GND
Ground
3, 10
+VS
Analog +5 V Power Supply
5VOUT
Internal Bandgap Voltage
Reference (Nominally +2.5 V)
6VREF
Noninverting Input to Reference
Amplifier. Voltage reference for
ADC is connected here.
7BPREF
External Connection for (0.1
µF)
Reference Bypass Capacitor
8
NC
No Connection Internally
9
ENCODE Encode Clock Input to ADC.
Internal T/H placed in hold mode
(ADC is encoding) on rising edge.
13
AIN
Noninverting Input to T/H
Amplifier
15
OR
Out-of-Range Condition Output.
Active high when analog input
exceeds input range of ADC by
1 LSB (<FS –1 LSB or >+FS
+ 1 LSB).
16
D9 (MSB) Most Significant Bit of ADC
Output; TTL/CMOS Compatible
17–20
D8–D5
Digital Output Bits of ADC; TTL/
CMOS Compatible
23
VD
Digital +5 V Power Supply
24–27
D4–D1
Digital Output Bits of ADC;
TTL/CMOSL Compatible
28
D0 (LSB)
Least Significant Bit of ADC
Output; TTL/CMOS Compatible
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9040A
NC = NO CONNECT
GND
AIN
–VS
GND
+VS
ENCODE
NC
–VS
GND
+VS
GND
BPREF
VREF
VOUT
OR
D9 (MSB)
D8
D7
D6
D5
–VS
D0 (LSB)
D1
D2
D3
GND
VD
D4
PDIP and SOIC Pinouts
ENCODE
GND
+VS
VREF
VOUT
NC
BPREF
D7
D6
D5
D4
D3
D2
DGND
–VS
VD
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . . 204
× 185 × 21 (±1) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–VS
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5,070
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Die Attach (JN/JR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . Epoxy
Bond Wire (JN/JR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold
N
N + 1
#2
#3
ENCODE
N – 3
N – 2
N – 1
tA
tEH tEL
tPD
AIN
DIGITAL
OUTPUTS
APERTURE DELAY
PULSEWIDTH HIGH
PULSEWIDTH LOW
OUTPUT PROP DELAY
tA
tEH
tEL
tPD
1.9
10ns
10
7.5
100
12
MIN
TYP
MAX
10
100
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com