Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9040
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9040 Datasheet HTML 4Page - Analog Devices AD9040 Datasheet HTML 5Page - Analog Devices AD9040 Datasheet HTML 6Page - Analog Devices AD9040 Datasheet HTML 7Page - Analog Devices AD9040 Datasheet HTML 8Page - Analog Devices AD9040 Datasheet HTML 9Page - Analog Devices AD9040 Datasheet HTML 10Page - Analog Devices AD9040 Datasheet HTML 11Page - Analog Devices AD9040 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9040A
REV. B
–10–
+5V
C7
0.1 F
C8
0.1 F
C9
0.1 F
C10
0.1 F
C11
0.1 F
C12
0.1 F
C18
0.1 F
C14
0.1 F
C15
0.1 F
C16
0.1 F
C17
0.1 F
C13
0.1 F
–5V
–5V
–5V
–5V
+5V
+5V
+5V
GND
GND
GND
GND
GND
U2
AD9040AJR
R2
51
9
10
8
U1
74HC86
D7
R16 100
U3
74AC574
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
U4
74AC574
2
3
4
5
6
7
8
9
1
11
19
18
17
16
15
14
13
12
CK
OE
1D
2D
3D
4D
5D
6D
7D
8D
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
CK
OE
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
VREF
VOUT
NC
AIN
ENC
–VS
–VS
–VS
+VS
+VS
+VD
GND
GND
GND
GND
GND
BPREF
(MSB)
D9
OR
D8
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
–5V
E1
D9
D8
D6
D5
D4
D3
D2
D1
D0
R18 100
R17 100
R13 100
R15 100
R14 100
R11 100
R12 100
R9 100
R10 100
U5
AD9721BR
–5V
GND
–5V
GND
–5V
GND
+5V
R7
2k
R5
51
R6
51
C6
0.1 F
C21
10 F
–5V
–5V
RC
OUTPUT
BNC
J5
1
2
3
U1
74HC86
4
5
6
U1
74HC86
U1
74HC86
12
13
11
C1
0.1 F
CLK
+5V
R1
51
AIN
BNC
J1
BNC
J2
CLK
H1
H2
C3
10 F
C2
0.1 F
J7
+5V
C5
10 F
C4
0.1 F
J8
–5V
J9
GND
H3
#4
H4
#4
H5
#4
H6
#4
H40DMC
J3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CLK
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
CAMP IN
–5V
GND
–5V
GND
REF OUT
CAMP OUT
REF IN
IOUT
ANA RET
RSET
–5V
GND
+5V
IOUT
D1 (MSB)
D2
D3
D4
D5
D6
D7
D8
D9
D10 (LSB)
CLOCK
INVERT
Figure 10. PCB Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com