Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9040
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9040 Datasheet HTML 3Page - Analog Devices AD9040 Datasheet HTML 4Page - Analog Devices AD9040 Datasheet HTML 5Page - Analog Devices AD9040 Datasheet HTML 6Page - Analog Devices AD9040 Datasheet HTML 7Page - Analog Devices AD9040 Datasheet HTML 8Page - Analog Devices AD9040 Datasheet HTML 9Page - Analog Devices AD9040 Datasheet HTML 10Page - Analog Devices AD9040 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9040A
REV. B
–7–
In applications using multiple AD9040As, slaving the reference
inputs to a single reference output will improve gain tracking
among the ADCs, as shown in Figure 5.
VOUT
VREF
AD9040A
0.1 F
–VS
VREF
AD9040A
VREF
AD9040A
–VS
–VS
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
Figure 5. Slaving Multiple AD9040As to a Single Internal
Reference
In the specifications table, the Gain Tempco parameter under
DC ACCURACY applies to the ADC when the internal refer-
ence is being used. If an external reference is used, its tempera-
ture coefficient must be taken into account to determine overall
temperature performance.
The input range can be varied by adjusting the reference voltage
applied to the AD9040A. By decreasing the reference voltage,
the gain can be reduced approximately 10% with no degrada-
tion in performance. Increasing the reference voltage increases
the gain; but for proper operation, the reference voltage should
not exceed +2.6 V.
Time-Gain Control ADC
Ultrasound and sonar systems require an increase in gain versus
time. This allows the system to correct for attenuation of return
pulses. Figure 6 shows the AD600/AD602 amplifier and the
AD9040A ADC configured as a time-gain control analog-to-
digital converter. The control voltage ramps from –625 mV to
+625 mV, permitting 40 dB of gain-control range. The voltage
used for gain control can be either a linear ramp, or the output
of a voltage-output DAC such as the AD7242.
AD9040A
AIN
–625mV
+625mV
GAIN CONTROL
VOLTAGE
AD600/602
Figure 6.
Ultrasound/Sonar Time-Gain Control ADC
Using X-AMPs™
Transient Response
Figure 7 illustrates the method for evaluating ADC transient
performance. Two synthesizers are locked in synchronization,
but tuned to frequencies which are slightly offset from a 2-to-1
submultiple.
One synthesizer clocks a flat pulse network at a frequency of
19.9609375 MHz to provide the analog input signal; the other
synthesizer output is shaped to provide a CMOS 40 MHz sam-
pling clock. At the output of the AD9040A, output data reflects
an interleaved alias of the input pulse. The repetitive sampling
allows the measurement of ADC transient response as shown in
performance graphs elsewhere in this data sheet.
AD9040A
MARCONI 2030
SYNTHESIZER
REF
MARCONI 2030
SYNTHESIZER
REF
19.9609375 MHz
40 MHz
FLAT PULSE
NETWORK
SINE
TO
CMOS
ANALOG
IN
ENCODE
OUTPUT
Figure 7. Transient Response Test
X-AMP is a trademark of Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com