Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9040
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040 Datasheet(HTML) 2 Page - Analog Devices

  AD9040 Datasheet HTML 1Page - Analog Devices AD9040 Datasheet HTML 2Page - Analog Devices AD9040 Datasheet HTML 3Page - Analog Devices AD9040 Datasheet HTML 4Page - Analog Devices AD9040 Datasheet HTML 5Page - Analog Devices AD9040 Datasheet HTML 6Page - Analog Devices AD9040 Datasheet HTML 7Page - Analog Devices AD9040 Datasheet HTML 8Page - Analog Devices AD9040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD9040A–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Test
AD9040AJN/JR
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Units
RESOLUTION
10
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
1.0
2.0
LSB
Full
VI
2.5
LSB
Integral Nonlinearity
+25
°C
I
1.0
2.0
LSB
Full
VI
2.5
LSB
No Missing Codes
Full
VI
Guaranteed
Gain Error
+25
°CI
±0.5
±1.5
% FS
Full
VI
±2% FS
Gain Tempco
1
Full
V
±70
ppm/
°C
ANALOG INPUT
Input Voltage Range
+25
°C
V
2
V p-p
Input Offset Voltage
+25
°CI
±2
±25
mV
Full
VI
±30
mV
Input Bias Current
+25
°CI
7
15
µA
Full
VI
25
µA
Input Resistance
+25
°C
I
200
350
k
Ω
Input Capacitance
+25
°CV
5
pF
Analog Bandwidth
+25
°C
V
48
MHz
BANDGAP REFERENCE
Output Voltage
Full
VI
2.4
2.6
V
Temperature Coefficient
1
Full
V
±40
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
+25
°C
I
40
MSPS
Minimum Conversion Rate
+25
°C
IV
2
10
MSPS
Aperture Delay (tA)
+25
°C
V
1.9
ns
Aperture Uncertainty (Jitter)
+25
°C
V
7
ps, rms
Output Propagation Delay (tPD)
2
+25
°C
I
7.5
10
12
ns
Full
IV
6
14
ns
DYNAMIC PERFORMANCE
Transient Response
+25
°CV
25
ns
Overvoltage Recovery Time
+25
°CV
40
ns
Signal-to-Noise Ratio
3
fIN = 2.3 MHz
+25
°C
I
51
54
dB
fIN = 10.3 MHz
+25
°C
I
50
53
dB
Signal-to-Noise Ratio
3
(Without Harmonics)
fIN = 2.3 MHz
+25
°C
I
52
55
dB
fIN = 10.3 MHz
+25
°C
I
51
54
dB
Signal-to-Noise Ratio
3, 4
fIN = = 2.3 MHz
+25
°C
I
52
56
dB
fIN = = 10.3 MHz
+25
°C
I
51
55
dB
Signal-to-Noise Ratio
3, 4
(Without Harmonics)
fIN = 2.3 MHz
+25
°C
I
53
57
dB
fIN = 10.3 MHz
+25
°C
I
53
56
dB
2nd Harmonic Distortion
fIN = 2.3 MHz
+25
°C
I
56
67
dBc
fIN = 10.3 MHz
+25
°C
I
56
65
dBc
3rd Harmonic Distortion
fIN = 2.3 MHz
+25
°C
I
58
73
dBc
fIN = 10.3 MHz
+25
°C
I
58
70
dBc
Two-Tone Intermodulation
+25
°C
V
62
dBc
Distortion Rejections
Differential Phase
+25
°C
III
0.15
0.5
Degrees
Differential Gain
+25
°C
III
0.25
1.0
%
REV. B
–2–
(+VS = VD = +5 V; –VS = –5 V; internal reference: ENCODE = 40.5 MSPS unless
otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com