Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752AR Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7752AR
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752AR Datasheet(HTML) 4 Page - Analog Devices

  ADE7752AR Datasheet HTML 1Page - Analog Devices ADE7752AR Datasheet HTML 2Page - Analog Devices ADE7752AR Datasheet HTML 3Page - Analog Devices ADE7752AR Datasheet HTML 4Page - Analog Devices ADE7752AR Datasheet HTML 5Page - Analog Devices ADE7752AR Datasheet HTML 6Page - Analog Devices ADE7752AR Datasheet HTML 7Page - Analog Devices ADE7752AR Datasheet HTML 8Page - Analog Devices ADE7752AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
REV. PrB 08/01
PRELIMINARY TECHNICAL DATA
ADE7752
–4–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to AGND
VAP, VBP, VCP, VN, IAP, IAN, . . . . . . . . . . . . . . . . . .
IBP, IBN, ICP and ICN . . . . . . . . . . . . . –6 V to +6 V
Reference Input Voltage to AGND –0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND . –0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . .
–40°C to +85°C
Storage Temperature Range . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . .
+150°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADE7752 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
24-Lead SOIC, Power Dissipation . . . . . . . . .
TBD mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . 250 °C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . .
+215°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . .
+220°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
TERMINOLOGY
MEASUREMENT ERROR
The error associated with the energy measurement made by
the ADE7752 is defined by the following formula:
%
100
Energy
True
–
ADE7752
the
by
Registered
Energy
×
=
Energy
True
Error
Percentage
PHASE ERROR BETWEEN CHANNELS
The HPF (High Pass Filter) in the current channel has a
phase lead response. To offset this phase response and
equalize the phase response between channels a phase correc-
tion network is also placed in the current channel. The phase
correction network ensures a phase match between the
current channels and voltage channels to within ±0.1° over a
range of 45Hz to 65Hz and ±0.2° over a range 40Hz to 1kHz.
This phase mismatch between the voltage and the current
channels can be further reduced with the phase calibration
register in each phase.
See Figures 18 and 19.
POWER SUPPLY REJECTION
This quantifies the ADE7752 measurement error as a per-
centage of reading when the power supplies are varied.
For the ac PSR measurement a reading at nominal supplies
(5 V) is taken. A 200 mV rms/100 Hz signal is then
introduced onto the supplies and a second reading obtained
under the same input signal levels. Any error introduced is
expressed as a percentage of reading—see Measurement Error
definition.
For the dc PSR measurement a reading at nominal supplies
(5 V) is taken. The supply is then varied ±5% and a second
reading is obtained with the same input signal levels. Any
error introduced is again expressed as a percentage of
reading.
ADC OFFSET ERROR
This refers to the dc offset associated with the analog inputs
to the ADCs. It means that with the analog inputs connected
to AGND the ADCs still see an analog input signal of 1 mV
to 10 mV, depending on gain setting. However, as the HPF
is always present, the offset is removed from the current
channel and the power calculation is not affected by this
offset.
GAIN ERROR
The gain error of the ADE7752 is defined as the difference
between the measured output frequency (minus the offset) and
the ideal output frequency. The difference is expressed as a
percentage of the ideal frequency. The ideal frequency is
obtained from the ADE7752 transfer function—see Transfer
Function section.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com