Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752AR Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7752AR
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752AR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7752AR Datasheet HTML 2Page - Analog Devices ADE7752AR Datasheet HTML 3Page - Analog Devices ADE7752AR Datasheet HTML 4Page - Analog Devices ADE7752AR Datasheet HTML 5Page - Analog Devices ADE7752AR Datasheet HTML 6Page - Analog Devices ADE7752AR Datasheet HTML 7Page - Analog Devices ADE7752AR Datasheet HTML 8Page - Analog Devices ADE7752AR Datasheet HTML 9Page - Analog Devices ADE7752AR Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
REV. PrB 08/01
–7–
PRELIMINARY TECHNICAL DATA
ADE7752
Meter connections
In three phase service, two main power distribution services
exist: 3-phase 4-wire or 3-phase 3-wire. The additional wire
in the 3-phase 4-wire arrangement is the Neutral wire. The
voltage lines have a phase difference of ±120° (± 2
π/3
radians) between each other - See Equation 5.
)
3
4
cos(
2
)
(
)
3
2
cos(
2
)
(
;
)
cos(
2
)
(
π
ω
π
ω
ω
+
⋅
⋅
=
+
⋅
⋅
=
⋅
⋅
=
t
V
t
V
t
V
t
V
t
V
t
V
l
C
C
l
B
B
l
A
A
(5)
Where: VA, VB and VC represent the voltage RMS value of the
different phases
The current inputs are represented by Equations 6,
)
3
4
cos(
2
)
(
)
3
2
cos(
2
)
(
;
)
cos(
2
)
(
C
l
C
C
B
l
B
B
A
l
A
A
t
I
t
I
t
I
t
I
t
I
t
I
ϕ
π
ω
ϕ
π
ω
ϕ
ω
+
+
⋅
⋅
=
+
+
⋅
⋅
=
+
⋅
⋅
=
(6)
Where: IA, IB and IC represent the RMS value of the current
of each phase and
φ
A,
φ
B and
φ
C the phase difference of the
current and voltage channel of each phase.
The instantaneous powers can then be calculated as follows:
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
t
I
t
V
t
P
t
I
t
V
t
P
t
I
t
V
t
P
C
C
C
B
B
B
A
A
A
⋅
=
⋅
=
⋅
=
Then,
)
3
8
2
cos(
)
cos(
)
(
)
3
4
2
cos(
)
cos(
)
(
)
2
cos(
)
cos(
)
(
C
l
C
C
C
C
C
C
B
l
B
B
B
B
B
B
A
l
A
A
A
A
A
A
t
I
V
I
V
t
P
t
I
V
I
V
t
P
t
I
V
I
V
t
P
ϕ
π
ω
ϕ
ϕ
π
ω
ϕ
ϕ
ω
ϕ
+
+
⋅
⋅
−
⋅
⋅
=
+
+
⋅
⋅
−
⋅
⋅
=
+
⋅
⋅
−
⋅
⋅
=
(7)
As can be seen from Equation 7, in the ADE7752 the real
power calculation per phase is made when current and voltage
inputs of the one phase are connected to the same channel (A,
B or C). Then, the summation of each individual real power
calculation gives the total Real Power information. P(t) =
PA(t) + PB(t) + PC(t)
Figure 14 demonstrates the connections of the analog inputs
of the ADE7752 with the power lines in a 3-phase 3-wire
Delta service.
Source
CT
CT
Rb
Rb
IAP
IAN
Anti-aliasing
Filters
IBP
IBN
Anti-aliasing
Filters
Ra*
Rb*
VR*
Rf
Cf
Cf
VN
VAP
Ra*
Rb*
VR*
Cf
VBP
Load
Phase A
Phase B
Phase C
Figure 14 - 3-phase 3-wire meter connection with ADE7752
Note: Only 2 current inputs and 2 voltage inputs of the
ADE7752 are used in this case. The Real power calculated
by the ADE7752 does not depend on the selected channel.
Figure 15 demonstrates the connections of the analog inputs
of the ADE7752 with the power lines in a 3-phase 4-wire Wye
service.
Source
CT
CT
Rb
Rb
IAP
IAN
Anti-aliasing
Filters
ICP
ICN
Anti-aliasing
Filters
Ra*
Rb*
VR*
Rf
Cf
Cf
VN
VAP
Ra*
Rb*
VR*
Cf
VCP
Load
CT
Rb
IBP
IBN
Anti-aliasing
Filters
Ra*
Rb*
VR*
Cf
VBP
Phase A
Phase B
Phase C
Figure 15 - 3-phase 4-wire meter connection with ADE7752



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com