Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752AR Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7752AR
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752AR Datasheet(HTML) 3 Page - Analog Devices

  ADE7752AR Datasheet HTML 1Page - Analog Devices ADE7752AR Datasheet HTML 2Page - Analog Devices ADE7752AR Datasheet HTML 3Page - Analog Devices ADE7752AR Datasheet HTML 4Page - Analog Devices ADE7752AR Datasheet HTML 5Page - Analog Devices ADE7752AR Datasheet HTML 6Page - Analog Devices ADE7752AR Datasheet HTML 7Page - Analog Devices ADE7752AR Datasheet HTML 8Page - Analog Devices ADE7752AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REV. PrB 08/01
PRELIMINARY TECHNICAL DATA
3–
ADE7752
TIMING CHARACTERISTICS1, 2
Parameter
Units
Test Conditions/Comments
t1
3
275
ms
F1 and F2 Pulsewidth (Logic High)
t2
See Table III
sec
Output Pulse Period. See Transfer Function Section
t3
1/2 t2
sec
Time Between F1 Falling Edge and F2 Falling Edge
t4
3, 4
90
ms
CF Pulsewidth (Logic High)
t5
See Table IV
sec
CF Pulse Period. See Transfer Function Section
t6
CLKIN/4
sec
Minimum Time Between F1 and F2 Pulse
NOTES
1Sample tested during initial release and after any redesign or process change that may affect this parameter.
2See Figure 1.
3The pulsewidths of F1, F2 and CF are not fixed for higher output frequencies. See Frequency Outputs Section.
4The CF pulse is always 1 µs in the high frequency mode. See Frequency Outputs section and Table IV.
Specifications subject to change without notice.
ORDERING GUIDE
Model
Package Description
Package Option
ADE7752AR
SOIC Package
R-24
EVAL-ADE7752EB ADE7752 Evaluation
Board
(VDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, CLKIN = 10 MHz,
TMIN to TMAX = –40 C to +85 C)
F1
F2
CF
t1
t6
t2
t3
t4
t5
Figure 1. Timing Diagram for Frequency Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com