Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752AR Datasheet(PDF) 2 Page - Analog Devices

Part # ADE7752AR
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752AR Datasheet(HTML) 2 Page - Analog Devices

  ADE7752AR Datasheet HTML 1Page - Analog Devices ADE7752AR Datasheet HTML 2Page - Analog Devices ADE7752AR Datasheet HTML 3Page - Analog Devices ADE7752AR Datasheet HTML 4Page - Analog Devices ADE7752AR Datasheet HTML 5Page - Analog Devices ADE7752AR Datasheet HTML 6Page - Analog Devices ADE7752AR Datasheet HTML 7Page - Analog Devices ADE7752AR Datasheet HTML 8Page - Analog Devices ADE7752AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REV. PrB 08/01
PRELIMINARY TECHNICAL DATA
–2–
ADE7752–SPECIFICATIONS
(VDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, CLKIN = 10 MHz,
TMIN to TMAX = –40 C to +85 C)
Parameter
Units
Test Conditions/Comments
ACCURACY
1, 2
Measurement Error
1 on Current Channel
Voltage Channel with Full-Scale Signal (±500 mV),
+25°C
0.1
% Reading typ
Over a Dynamic Range 500 to 1
Phase Error
1 Between Channels
Line Frequency = 45 Hz to 65 Hz
(PF = 0.8 Capacitive)
±0.1
Degrees(°) max
(PF = 0.5 Inductive)
±0.1
Degrees(°) max
AC Power Supply Rejection
1
S0 = S1 = 1
Output Frequency Variation (CF)
0.01
% Reading typ
V1 = 100 mV rms, V2 = 100 mV rms, @ 50 Hz
Ripple on VDD of 200 mV rms @ 100 Hz
DC Power Supply Rejection
1
S0 = S1 = 1
Output Frequency Variation (CF)
0.01
% Reading typ
V1 = 100 mV rms, V2 = 100 mV rms,
VDD = 5 V ± 250 mV
ANALOG INPUTS
See Analog Inputs Section
Maximum Signal Levels
±0.125
V max
VAP, VBP, VCP, VN, IAP, IAN, IBP, IBN, ICP and
ICN to AGND
Input Impedance (DC)
400
k
Ω min
CLKIN = 10 MHz
Bandwidth (–3 dB)
TBD
kHz typ
CLKIN/256, CLKIN = 10 MHz
ADC Offset Error
1, 2
±15
mV max
See Terminology and
Gain Error
1
±4
% Ideal typ
External 2.5 V Reference,
V1 = 125 mV dc, V2 = 125 mV dc
Gain Error Match
1
±0.2
% Ideal typ
External 2.5 V Reference
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.7
V max
2.5 V + 8%
2.3
V min
2.5 V – 8%
Input Impedance
3.7
k
Ω min
Input Capacitance
10
pF max
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±200
mV max
Temperature Coefficient
30
ppm/°C typ
CLKIN
Note All Specifications for CLKIN of 10 MHz
Input Clock Frequency
15
MHz max
5
MHz min
LOGIC INPUTS
3
SCF, S0, S1, and
4-5-6
Input High Voltage, VINH
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±3
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS
3
F1 and F2
Output High Voltage, VOH
ISOURCE = 10 mA
4.5
V min
VDD = 5 V
Output Low Voltage, VOL
ISINK = 10 mA
0.5
V max
VDD = 5 V
CF and REVP
Output High Voltage, VOH
4
V min
VDD = 5 V, ISOURCE = 5 mA
Output Low Voltage, VOL
0.5
V max
VDD = 5 V, ISINK = 5 mA
POWER SUPPLY
For Specified Performance
VDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
IDD
4
mA typ
NOTES
1 See Terminology Section for explanation of specifications.
2 See Plots in Typical Performance Graphs.
3Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com